Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1393845-5 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1393845-5
Description  2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1393845-5 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1393845-5 Datasheet HTML 1Page - TE Connectivity Ltd 1393845-5 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RPII/2 (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Category of environmental
IEC 61810
RTII - flux proof, RTIII - wash tight
Vibration resistance (functional),
form A/form B, 30 to 150Hz
11/1.5g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Resistance to soldering heat THT, IEC 60068-2-20
flux-proof version
270°C / 10s
wash-tight version
260°C / 5s
Relay weight
18g
Packaging unit
tube/20 pcs., box/500 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions in mm
Dimensions
Dimensions in mm
Product code
Version
Contacts
Cont. material
Pinning
Part number
RP420006
Flux proof, 8A
2 form C (CO) contacts
AgCdO
6VDC
4-1393234-8
RP420012
12VDC
5-1393234-0
RP420024
24VDC
5-1393234-1
RP420048
48VDC
5-1393234-2
RP421012
AgNi0.15
12VDC
6-1393234-7
RP421024
24VDC
6-1393234-8
RP421110
110VDC
7-1393234-1
RP820012
Wash tight, 8A
AgCdO
12VDC
9-1393234-0
RP820024
24VDC
9-1393234-2
RP821012
AgNi0.15
12VDC
1393845-4
RP821024
24VDC
1393845-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request.
S0163-CO
S0163-BJ
S0273-AB
2 form C (CO) contacts
S0163-BK
2 form A (NO) contacts
Product code structure
Typical product code
RP
4
2
0
024
Type
RP Power PCB Relay RPII/2
Version
4
8A, flux proof
8
8A, wash tight
Contact arrangement
2
2 form C (2 CO)
4
2 form A (2 NO)
Contact material
1
AgNi0.15 gold flashed
0
AgCdO
Coil
Coil code: please refer to coil versions table


Similar Part No. - 1393845-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1393845-5 MACOM-1393845-5 Datasheet
395Kb / 2P
   Power PCB Relay RPII/2
More results

Similar Description - 1393845-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM737012 ETC2-RM737012 Datasheet
487Kb / 4P
   2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
   40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Tyco Electronics
T92 MACOM-T92 Datasheet
261Kb / 3P
   2 pole 30 A, 2 CO or 2 NO contacts
logo
List of Unclassifed Man...
PT570615 ETC2-PT570615 Datasheet
721Kb / 4P
   2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com