Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1904001-4 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 1904001-4
Description  Automotive Relays High Current Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1904001-4 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  1904001-4 Datasheet HTML 1Page - TE Connectivity Ltd 1904001-4 Datasheet HTML 2Page - TE Connectivity Ltd 1904001-4 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
11-2011, Rev. 1111
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
n
Limiting continuous current 75A at 23°C
n
Current switching ability up to 150A
n
Suitable for voltage levels up to 24VDC
n
Minimal contact resistance
n
Dustproof versions
Typical applications
Engine control, glow plug, heated front- and rear - screen, preheating
systems (e.g. for diesel engines, catalytic converters), switches for loading
ramps, power distribution (clamp15)
Contact Data
Form A bifurcated Form A
Contact arrangement
1 form A,
1 form A,
1 NO (bifurcated)
1 NO
Rated voltage
12VDC
24VDC
Max. switching voltage
depends on load parameterA)
Rated current
50A at 12VDC
30A at 24VDC
Limiting continuous current
23°C
75A
50A
85°C
50A
30A
105°C
20A
8A
Jump start test, ISO 16750-1
24VDC for 5 min,
conducting nominal current at 23°C
Contact material
silver based
Contact style
NO bifurcated:
double make contact bifurcated
NO:
single contact
Min. recommended contact load
1A at 5VDC
Initial voltage drop, typ. at 100A
<50mV
<100mV
Operate/release time typ. at nominal voltage
7/2ms
Electrical endurance
form A contact (NO), resistive load >1x105 ops.
>5x104 ops.
75A, 13.5VDC
50A, 27VDC
Mechanical endurance
>1x106ops.
A) Please contact TE relay application engineer.
Coil Data
Form A bifurcated Form A
Rated coil voltage
12/24VDC
Rated coil power
3.1W
4.4W
Max. coil temperature
155°C
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
W
0001
12
8.8
1.5
46
3.1
0002
24
19.0
1.0
130
4.4
All figures are given for coil without pre-energization, at ambient temperature +23°C
Insulation Data
Initial dielectric strength
between contact and coil
500VACrms
Load dump test
ISO 7637-1 (12VDC), test pulse 5
Vs=+86.5VDC
ISO 7637-2 (24VDC), test pulse 5
Vs=+200VDC
Other Data
Ambient temperature
-40°C to +125°C
Climatic cycling with condensation,
EN ISO 6988
6 cycles, storage 8/16h
Damp heat cyclic,
IEC 60068-2-30, Db, Variant 1
6 cycles, upper air temp. 55°C
Damp heat constant, IEC 60068-2-3, Ca
56 days
Degree of protection
dustproof:
IP54 (IEC 60529), RT I (IEC 61810)
sealed:
sealing in accordance with IEC 68
immersion cleanable:
IP67 (IEC 60529), RT III (IEC 61810)
Corrosive gas
IEC 60068-2-42
10 days, 10 +/- 2cm3/m3 SO2
IEC 60068-2-43
10 days, 1 +/- 0.3cm3/m3 H2S
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10-500Hz, > 5g1)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
11 ms >20g1)
Cover retention
pull force
200N
push force
200N
Terminal retention
pull force
100N
push force
100N
torque
0.3Nm
Weight
38g (1.3oz)
Packaging unit
50 pcs.
1) No change in the switching state >10µs.
High Current Relay 75
Automotive Relays
High Current Devices
F232_fcw3b


Similar Part No. - 1904001-4

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1904011 PHOENIX-1904011 Datasheet
179Kb / 6P
   FRONT 4-H-7,62
logo
Tyco Electronics
1904015-5 MACOM-1904015-5 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
1904015-5 TEC-1904015-5 Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
PHOENIX CONTACT
1904053 PHOENIX-1904053 Datasheet
80Kb / 4P
   PCB terminal block - SMKDSN 1,5/ 3 BD:3,2,1 SO
More results

Similar Description - 1904001-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23700-C0001-A408 MACOM-V23700-C0001-A408 Datasheet
1Mb / 4P
   Automotive Relays, High Voltage Precharge Relays
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com