Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1649328-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 3-1649328-3
Description  Power PCB Relay RT1 DC and AC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1649328-3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  3-1649328-3 Datasheet HTML 1Page - TE Connectivity Ltd 3-1649328-3 Datasheet HTML 2Page - TE Connectivity Ltd 3-1649328-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Power PCB Relay RT1 DC and AC (for Asia/Pacific markets) (Continued)
Product code
Version
Contacts
Contact material
Coil
Version
Part number
RT114024AP
12A, pinning 3.5mm,
1 form C (CO)
AgNi 90/10
24VDC
standard
1-1649326-5
RT134024AP
flux proof
1 form A (NO)
3-1649326-3
RT214024AP
12A, pinning 5mm,
1 form C (CO)
1-1649327-5
RT234024AP
flux proof
1 form A (NO)
3-1649327-3
RT314012AP
16A, pinning 5mm,
1 form C (CO)
12VDC
1-1649328-3
RT314012WGAP
flux proof
contact
IEC60335-1 compliant
5-1833002-0
RT314024AP
24VDC
standard
1-1649328-5
RT314048AP
48VDC
1-1649328-6
RT334012AP
1 form A (NO)
12VDC
3-1649328-1
RT334024AP
contact
24VDC
3-1649328-3
RTD14012AP
16A, pinning 5mm,
1 form C (CO)
12VDC
1649328-4
RTD14024AP
wash tight
contact
24VDC
1649328-6
RTD34012AP
12VDC
2-1649328-2
RTH34012AP
16A, 105°C, 5mm,
1 form A (NO)
1-1649357-3
RTH34012WGAP
wash tight
contact
IEC60335-1 compliant
5-1833004-0
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request.
Product code structure
Typical product code
RT
3
1
4
024
AP
Type
RT Power PCB Relay RT1
Version
1
12A, pinning 3.5mm, flux proof
2
12A, pinning 5mm, flux proof *)
3
16A, pinning 5mm, flux proof
B 12A, pinning 3.5mm, wash tight
D 16A, pinning 5mm, wash tight
Contact arrangement
1
1 form C (CO) contact
3
1 form A (NO) contact
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
AP
Standard version
WGAP Product in accordance with IEC 60335-1 (domestic appliances)
*) Wash tight version on request.


Similar Part No. - 3-1649328-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1649328-3 TEC-3-1649328-3 Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
More results

Similar Description - 3-1649328-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
2-1393237-2 MACOM-2-1393237-2 Datasheet
567Kb / 3P
   Power PCB Relay RT1
2-1419108-9 MACOM-2-1419108-9 Datasheet
567Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com