Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-1415534-9 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 8-1415534-9
Description  Mechanical and electrical indicator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1415534-9 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  8-1415534-9 Datasheet HTML 1Page - TE Connectivity Ltd 8-1415534-9 Datasheet HTML 2Page - TE Connectivity Ltd 8-1415534-9 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
n
Relay package consisting of PT relay, DIN-rail socket, plastic
retaining clip, module and marking tag
n
2 pole 12 A, 3 pole 10 A or 4 pole 6 A
n
DC- or AC coil
n
Mechanical and electrical indicator
n
Manual test tab, optionally lockable
Approvals
Relay: VDE Cert. No. 40009108, cULus E214025, Lloyds 00/20059
Socket: VDE Cert. No. 40009108, cULus E135149
Technical data of approved types on request
Contact data
PT2
PT3
PT5
Contact configuration
2 CO
3 CO
4 CO
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage/
max. switching voltage AC
240/400VAC 240/400VAC 240/240VAC
Rated current
12 A
10 A
6 A
Limiting continous current
see derating curve
Maximum breaking capacity AC
3000 VA
2500 VA
1500 VA
Limiting breaking capacity,
max. 20 ms
24 A
20 A
12 A
Contact material
AgNi90/10, AgNi90/10 gold plated
Minimum contact load
12V/10mA, 20mV/1mA gold plated
Rated frequency of operation
with/without load
6 / 600 min-1
Contact ratings
For contact ratings see datasheet
Miniature Relay PT
Coil data
Rated coil voltage range
DC coil
6...220 VDC
AC coil
6...230 VAC
Operative range, IEC 61810
DC coil, AC coil 50 Hz
2
AC coil 60 Hz at 70°C
90...110% of rated voltage
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
LED+PD*) VDC
VDC
VDC
Ω±10%
mW
LB2
12
9.0
1.2
192
750
LC4
24
18.0
2.4
777
741
*) Protection diode PD
Coil versions, AC coil 50/60 Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
LED
50/60 Hz
50/60 Hz
50/60 Hz
VAC
VAC
VAC
VA
RC4
24
19.2/21.6
7.2
192±10%
1.0/0.79
SB5
115
92.0/103.5 34.5
4845±12%
1.0/0.86
TD0
230
184.0/207.0 69.0
19465±15%
1.0/0.90
All figures are given for coil without preenergization, at ambient temperature +23°C.
Other coil voltages on request.
General Purpose Relays
Product Sets
Relay Package PT
Z
F0274-D
Insulation
PT2
PT3
PT5
Dielectric strength
coil-contact circuit
2500 Vrms
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
2000 Vrms
Clearance / creepage
coil-contact circuit
≥ 4/4 mm
≥ 4/4 mm
≥ 4/4 mm
adjacent contact circuits
≥3.5/9.5 mm ≥2.6/3.5 mm ≥1.8/3.5 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation
coil-contact circuit
basic
open contact circuit
micro disconnection
adjacent cont. circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
2
2
Rated voltage system
230/400 V
240 V
240 V
Overvoltage category
III
III
III


Similar Part No. - 8-1415534-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1415535-6 TEC-8-1415535-6 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
8-1415536-6 MACOM-8-1415536-6 Datasheet
381Kb / 2P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
8-1415536-6 TEC-8-1415536-6 Datasheet
277Kb / 2P
   General Purpose Low Power PCB Relays
logo
Tyco Electronics
8-1415536-7 MACOM-8-1415536-7 Datasheet
381Kb / 2P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
8-1415536-7 TEC-8-1415536-7 Datasheet
277Kb / 2P
   General Purpose Low Power PCB Relays
More results

Similar Description - 8-1415534-9

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
logo
TE Connectivity Ltd
RM-2 TEC-RM-2 Datasheet
333Kb / 4P
   Mechanical indicator
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
logo
MERITEK ELECTRONICS COR...
CR MERITEK-CR Datasheet
298Kb / 7P
   Excellent mechanical strength and electrical stability
logo
Motorola, Inc
MC143120B1 MOTOROLA-MC143120B1 Datasheet
685Kb / 16P
   NEURON CHIP ELECTRICAL AND MECHANICAL SPECIFICATIONS
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
GCK1024 LORLIN-GCK1024 Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com