Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393243-0 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2-1393243-0
Description  Power PCB Relay RT2 DC and AC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1393243-0 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2-1393243-0 Datasheet HTML 1Page - TE Connectivity Ltd 2-1393243-0 Datasheet HTML 2Page - TE Connectivity Ltd 2-1393243-0 Datasheet HTML 3Page - TE Connectivity Ltd 2-1393243-0 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Power PCB Relay RT2 DC and AC (for global markets) (Continued)
Product code structure
Typical product code
RT
4
2
4
024
Type
RT Power PCB Relay RT2
Version
4
8A, pinning 5mm, flux proof
E 8A, pinning 5mm, wash tight (not for Reflow version)
Contact arrangement
2
2 form C (CO) contacts
4
2 form A (NO) contacts
Contact material
3
AgSnO
4
AgNi 90/10
5
AgNi 90/10 gold plated
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
R
Reflow solderable
Product code
Version
Contacts
Contact material
Coil
Version
Part number
RT423730
8A,
2 form C (CO)
AgSnO
230VAC
Standard
4-1393243-3
RT424005
pinning 5mm,
contacts
AgNi 90/10
5VDC
5-1393243-9
RT424006
flux proof
6VDC
6-1393243-1
RT424012
12VDC
6-1393243-3
RT424012WG
IEC60335-1 compliant
7-1415538-8
RT424024
24VDC
Standard
6-1393243-8
RT424024WG
IEC60335-1 compliant
7-1415538-7
RT424048
48VDC
Standard
7-1393243-0
RT424060
60VDC
7-1393243-3
RT424110
110VDC
7-1393243-5
RT424524
24VAC
7-1393243-6
RT424615
115VAC
7-1393243-8
RT424730
230VAC
7-1393243-9
RT425003
AgNi 90/10
3VDC
7-1415525-1
RT425005
gold plated
5VDC
8-1393243-0
RT425012
12VDC
8-1393243-2
RT425024
24VDC
8-1393243-5
RT444012
2 form A (NO)
AgNi 90/10
12VDC
9-1393243-7
RT444024
contacts
24VDC
9-1393243-9
RTE24005
8A,
2 form C (CO)
5VDC
1393243-1
RTE24006
pinning 5mm,
contacts
6VDC
1393243-2
RTE24012
wash tight
12VDC
1393243-4
RTE24024
24VDC
1-1393243-0
RTE24048
48VDC
1-1393243-1
RTE24110
110VDC
1-1393243-4
RTE24524
24VAC
1-1393243-5
RTE24615
115VAC
1-1393243-7
RTE24730
230VAC
1-1393243-8
RTE25005
AgNi 90/10
5VDC
1-1393243-9
RTE25012
gold plated
12VDC
2-1393243-0
RTE25024
24VDC
2-1393243-1
RTE25524
2-1393243-4
RTE43009
2 form A (NO)
AgSnO
9VDC
4-1415535-1
RTE44009
contacts
AgNi 90/10
3-1393243-1
RTE44730
230VAC
3-1393243-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request.


Similar Part No. - 2-1393243-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393243-0 MACOM-2-1393243-0 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-0 MACOM-2-1393243-0 Datasheet
575Kb / 3P
   Power PCB Relay RT2
2-1393243-0 MACOM-2-1393243-0 Datasheet
575Kb / 3P
   Power PCB Relay RT2
More results

Similar Description - 2-1393243-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RT423730 TEC-RT423730 Datasheet
410Kb / 4P
   Power PCB Relay RT2 DC and AC (for global markets)
logo
Tyco Electronics
2-1393243-3 MACOM-2-1393243-3 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-0 MACOM-2-1393243-0 Datasheet
642Kb / 3P
   Power PCB Relay RT2
RT424005 MACOM-RT424005_05 Datasheet
215Kb / 3P
   Power PCB Relay RT2
RT424005F MACOM-RT424005F Datasheet
542Kb / 3P
   Power PCB Relay RT2
8-1393243-5 MACOM-8-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
2-1393243-1 MACOM-2-1393243-1 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-6 MACOM-2-1393243-6 Datasheet
642Kb / 3P
   Power PCB Relay RT2
1649329-9 MACOM-1649329-9 Datasheet
575Kb / 3P
   Power PCB Relay RT2
RT424A12 MACOM-RT424A12 Datasheet
222Kb / 3P
   Power PCB Relay RT2 bistable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com