Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2240LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMUN2240LT1G
Description  Digital Transistors (BRT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2240LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMUN2240LT1G Datasheet HTML 1Page - ON Semiconductor MMUN2240LT1G Datasheet HTML 2Page - ON Semiconductor MMUN2240LT1G Datasheet HTML 3Page - ON Semiconductor MMUN2240LT1G Datasheet HTML 4Page - ON Semiconductor MMUN2240LT1G Datasheet HTML 5Page - ON Semiconductor MMUN2240LT1G Datasheet HTML 6Page - ON Semiconductor MMUN2240LT1G Datasheet HTML 7Page - ON Semiconductor MMUN2240LT1G Datasheet HTML 8Page - ON Semiconductor MMUN2240LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MUN2240, MMUN2240L, MUN5240, DTC144TE, DTC144TM3, NSBC144TF3
www.onsemi.com
2
Table 1. ORDERING INFORMATION
Device
Part Marking
Package
Shipping
MUN2240T1G, SMUN2240T1G
8T
SC−59
(Pb−Free)
3000 / Tape & Reel
MMUN2240LT1G
AA4
SOT−23
(Pb−Free)
3000 / Tape & Reel
MUN5240T1G
AR
SC−70/SOT−323
(Pb−Free)
3000 / Tape & Reel
DTC144TET1G
7T
SC−75
(Pb−Free)
3000 / Tape & Reel
DTC144TM3T5G, NSVDTC144TM3T5G
8T
SOT−723
(Pb−Free)
8000 / Tape & Reel
NSBC144TF3T5G
K (180
°)
SOT−1123
(Pb−Free)
8000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
* (xx
°) = Degree rotation in the clockwise direction.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2) (3) (4) (5)
(1) SC−75 and SC−70/SOT323; Minimum Pad
(2) SC−59; Minimum Pad
(3) SOT−23; Minimum Pad
(4) SOT−1123; 100 mm2, 1 oz. copper trace
(5) SOT−723; Minimum Pad


Similar Part No. - MMUN2240LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2240LT1G ONSEMI-MMUN2240LT1G Datasheet
143Kb / 11P
   Digital Transistors (BRT) R1 = 47k R2 = k
February, 2014 ??Rev. 3
More results

Similar Description - MMUN2240LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com