Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSBC114YF3T5G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSBC114YF3T5G
Description  Digital Transistors (BRT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC114YF3T5G Datasheet(HTML) 5 Page - ON Semiconductor

  NSBC114YF3T5G Datasheet HTML 1Page - ON Semiconductor NSBC114YF3T5G Datasheet HTML 2Page - ON Semiconductor NSBC114YF3T5G Datasheet HTML 3Page - ON Semiconductor NSBC114YF3T5G Datasheet HTML 4Page - ON Semiconductor NSBC114YF3T5G Datasheet HTML 5Page - ON Semiconductor NSBC114YF3T5G Datasheet HTML 6Page - ON Semiconductor NSBC114YF3T5G Datasheet HTML 7Page - ON Semiconductor NSBC114YF3T5G Datasheet HTML 8Page - ON Semiconductor NSBC114YF3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUN2214, MMUN2214L, MUN5214, DTC114YE, DTC114YM3, NSBC114YF3
www.onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2214, MMUN2214L, MUN5214, DTC114YE, DTC114YM3
1000
100
10
1
Figure 2. VCE(sat) vs. IC
10
020
30
IC, COLLECTOR CURRENT (mA)
40
50
Figure 3. DC Current Gain
Figure 4. Output Capacitance
010
20
50
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 5. Output Current vs. Input Voltage
100
10
1
0.1
0.01
0.001
012
3
4
Vin, INPUT VOLTAGE (V)
56
7
8
9
10
Figure 6. Input Voltage vs. Output Current
VR, REVERSE VOLTAGE (V)
IC/IB = 10
−55
°C
150
°C
25
°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150
°C
−55
°C
25
°C
VO = 0.2 V
25
°C
1
0.1
0.01
40
30
0.1
1
100
10
VCE = 10 V
25
°C
150
°C
−55
°C
3.6
3.2
2.8
2.4
2
1.6
1.2
0.8
0.4
0
010
20
30
40
50
100
10
1
0.1
150
°C
−55
°C


Similar Part No. - NSBC114YF3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC114YF3T5G ONSEMI-NSBC114YF3T5G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
August, 2012 ??Rev. 0
NSBC114YF3T5G ONSEMI-NSBC114YF3T5G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
November, 2013 ??Rev. 3
More results

Similar Description - NSBC114YF3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com