Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH232 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KH232
Description  Low Distortion Wideband Op Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KH232 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  KH232 Datasheet HTML 1Page - Fairchild Semiconductor KH232 Datasheet HTML 2Page - Fairchild Semiconductor KH232 Datasheet HTML 3Page - Fairchild Semiconductor KH232 Datasheet HTML 4Page - Fairchild Semiconductor KH232 Datasheet HTML 5Page - Fairchild Semiconductor KH232 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICES TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT
OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1.
Life support devices or systems are devices or systems which, (a) are intended for
surgical implant into the body, or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant injury of the user.
2.
A critical component in any component of a life support device or system whose
failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
KH232 Package Dimensions
DATA SHEET
KH232
www.fairchildsemi.com
© 2001 Fairchild Semiconductor Corporation
SYMBOL
INCHES
MILIMETERS
Minimun
Maximum
Minimum
Maximum
A
0.142
0.181
3.61
4.60
φb
0.016
0.019
0.41
0.48
φD
0.595
0.605
15.11
15.37
φD1
0.543
0.555
13.79
14.10
e
0.400 BSC
10.16 BSC
e1
0.200 BSC
5.08 BSC
e2
0.100 BSC
2.54 BSC
F
0.016
0.030
0.41
0.76
k
0.026
0.036
0.66
0.91
k1
0.026
0.036
0.66
0.91
L
0.310
0.340
7.87
8.64
α
45
° BSC
45
° BSC
NOTES:
Seal: cap weld
Lead finish: gold per MIL-M-38510
Package composition:
Package: metal
Lid: Type A per MIL-M-38510
8
7
9
2
3
1
5
6
4
11
10
12
k1
e
φDD1
TO-8
e1
e2
k
α
L
A
F
φb


Similar Part No. - KH232

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
KH232AI CADEKA-KH232AI Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
KH232AK CADEKA-KH232AK Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
KH232AK/AM/HXC/HXA CADEKA-KH232AK/AM/HXC/HXA Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
KH232AM CADEKA-KH232AM Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
More results

Similar Description - KH232

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
   Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
[Old version datasheet]   Very Wideband, Low Distortion Triple Op Amp
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
   Very Wideband, Low Distortion Triple Op Amp
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
   Very Wideband, Low Distortion Monolithic Op Amp
logo
Texas Instruments
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
[Old version datasheet]   Very Wideband, Low Distortion Monolithic Op Amp
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com