Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAA-3528ESGC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KAA-3528ESGC
Description  3.5 x 2.8mm SURFACE MOUNT LED LAMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KAA-3528ESGC Datasheet(HTML) 3 Page - Kingbright Corporation

  KAA-3528ESGC Datasheet HTML 1Page - Kingbright Corporation KAA-3528ESGC Datasheet HTML 2Page - Kingbright Corporation KAA-3528ESGC Datasheet HTML 3Page - Kingbright Corporation KAA-3528ESGC Datasheet HTML 4Page - Kingbright Corporation KAA-3528ESGC Datasheet HTML 5Page - Kingbright Corporation KAA-3528ESGC Datasheet HTML 6Page - Kingbright Corporation KAA-3528ESGC Datasheet HTML 7Page - Kingbright Corporation KAA-3528ESGC Datasheet HTML 8Page - Kingbright Corporation KAA-3528ESGC Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1-KA-3528-3
Parameter
High
Efficiency
Red
Yellow
Super
Bright Red
Super
Bright
Green
Super
Bright
Yellow
Units
Power dissipation
105
105
100
105
125
mW
DC Forward Current
30
30
30
25
30
mA
Peak Forward Current [1]
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Absolute Maximum Ratings at T A=25°C
°C
°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width .
High Efficiency Red KA-3528EC, KA-3528IT


Similar Part No. - KAA-3528ESGC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KAA-3528ESGCT TO-GRACE-KAA-3528ESGCT Datasheet
967Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
More results

Similar Description - KAA-3528ESGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAD3528PBC KINGBRIGHT-AAD3528PBC Datasheet
87Kb / 4P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528EMBSGC KINGBRIGHT-AAA3528EMBSGC Datasheet
138Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKCGKC KINGBRIGHT-AAA3528SURKCGKC Datasheet
153Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKSGC KINGBRIGHT-AAA3528SURKSGC Datasheet
87Kb / 1P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AA3528 KINGBRIGHT-AA3528 Datasheet
123Kb / 6P
   3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS
logo
LUMEX INC.
SML-LX2832LYC-TR LUMEX-SML-LX2832LYC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832DRC-TR LUMEX-SML-LX2832DRC-TR Datasheet
65Kb / 1P
   2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
SML-LX2832SRC-TR LUMEX-SML-LX2832SRC-TR Datasheet
67Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832PGC-TR LUMEX-SML-LX2832PGC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832SRC+B-TR LUMEX-SML-LX2832SRC+B-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com