Electronic Components Datasheet Search |
|
A765EB397M0ELAE020 Datasheet(PDF) 4 Page - Kemet Corporation |
|
A765EB397M0ELAE020 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 17 page 4 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com A4070_A765 • 12/13/2016 Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors A765 Series, 105°C Test Method & Performance Conditions Load Life Test Shelf Life Test Temperature 105°C 105°C Test Duration 2,000 hours 168 hours Ripple Current No ripple current applied No ripple current applied Voltage The sum of DC voltage and the peak AC voltage must not exceed the rated voltage of the capacitor No voltage applied Performance The following specifications will be satisfied when the capacitor is restored to 20°C. Capacitance Change Within ±20% of the initial value Dissipation Factor Does not exceed 150% of the specified value ESR Does not exceed 150% of the specified value Leakage Current Does not exceed specified value Damp Heat The following specifications will be satisfied when the capacitor is restored to 20°C after application of rated voltage for 1,000 hours at 60°C, 90%~95% RH. Capacitance Change Within ±20% of the initial value Dissipation Factor Does not exceed 150% of the specified value ESR Does not exceed 150% of the specified value Leakage Current Does not exceed specified value Surge Voltage (Rated Voltage x 1.15(V)) The following specifications will be satisfied when the capacitor is subjected to 1,000 cycles each consisting of charge with the surge voltages specified at 105°C for 30 seconds through a protective resistor (Rc = 1 kΩ) and discharge for 5 minutes 30 seconds. Capacitance Change Within ±20% of the initial value Dissipation Factor Does not exceed 150% of the specified value ESR Does not exceed 150% of the specified value Leakage Current Does not exceed specified value Resistance to Soldering Heat Measurement for solder temperature profile at capacitor top and terminal. Capacitance Change Within ±10% of the initial value Dissipation Factor Does not exceed 130% of the specified value ESR Does not exceed 130% of the specified value Leakage Current Does not exceed specified value |
Similar Part No. - A765EB397M0ELAE020 |
|
Similar Description - A765EB397M0ELAE020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |