Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A765KN158M0ELAE010 Datasheet(PDF) 7 Page - Kemet Corporation

Part # A765KN158M0ELAE010
Description  Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A765KN158M0ELAE010 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button A765KN158M0ELAE010 Datasheet HTML 3Page - Kemet Corporation A765KN158M0ELAE010 Datasheet HTML 4Page - Kemet Corporation A765KN158M0ELAE010 Datasheet HTML 5Page - Kemet Corporation A765KN158M0ELAE010 Datasheet HTML 6Page - Kemet Corporation A765KN158M0ELAE010 Datasheet HTML 7Page - Kemet Corporation A765KN158M0ELAE010 Datasheet HTML 8Page - Kemet Corporation A765KN158M0ELAE010 Datasheet HTML 9Page - Kemet Corporation A765KN158M0ELAE010 Datasheet HTML 10Page - Kemet Corporation A765KN158M0ELAE010 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4070_A765 • 12/13/2016
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A765 Series, 105°C
Installing
Conductive polymer aluminum solid electrolytic capacitors are prone to a change in leakage current due to thermal
stress during soldering. The leakage current may increase after soldering or reflow soldering. Therefore, do not use these
capacitors in circuits sensitive to leakage current.
• Do not use in a high resistance, high voltage circuit.
• Do not use in a coupling circuit.
• Do not use in a time constant circuit.
• Do not use in a circuits that are significantly affected by leakage current.
A general principle is that lower temperature operation results in a longer, useful life of the capacitor. For this reason, it
should be ensured that electrolytic capacitors are placed away from heat-emitting components. Adequate space should be
allowed between components for cooling air to circulate, especially when high ripple current loads are applied. In any case,
the maximum rated temperature must not be exceeded.
• Do not deform the case of capacitors or use capacitors with a deformed case.
• Verify that the connections of the capacitors are able to insert on the board without excessive mechanical force.
Excessive force during insertion, as well as after soldering may cause terminal damage and affect the electrical
performance.
• Ensure electrical insulation between the capacitor case, negative terminal, positive terminal and PCB.
• If the capacitors require mounting through additional means, the recommended mounting accessories shall be used.
• Verify the correct polarization of the capacitor on the board.
KEMET recommends, to ensure that the voltage across each capacitor does not exceed its rated voltage.
Temperature Stability Characteristics
Stable characteristics in a very low temperature range allows for less circuits in the design.
Due to a solid polymer electrolyte, conductive polymer electrolytic capacitors feature higher conductivity. This results
in a lower ESR which, coupled with high capacitance allows an aluminum polymer capacitor to replace several standard
electrolytic capacitors, reducing the number of components and maximizing board space.
The ESR of polymer capacitors is nearly constant within its operating temperature range, while the ESR of a standard
electrolytic capacitor noticeably changes with temperature.
0.01
0.1
1
10
100
1,000
Temperature (ºC)
−20
0
20
70
105
125
−55
Aluminum Electrolytic
Conductive Polymer Electrolytic
Temperature Stability Characteristics


Similar Part No. - A765KN158M0ELAE010

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A765KN158M0ELAE010 KEMET-A765KN158M0ELAE010 Datasheet
74Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 1500 uF, 20%, 2.5 V, -55/105C
A765KN158M0ELAE010 KEMET-A765KN158M0ELAE010_17 Datasheet
74Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 1500 uF, 20%, 2.5 V, -55/105C
More results

Similar Description - A765KN158M0ELAE010

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com