Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A767MU227M1VLAE028 Datasheet(PDF) 5 Page - Kemet Corporation

Part # A767MU227M1VLAE028
Description  Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A767MU227M1VLAE028 Datasheet(HTML) 5 Page - Kemet Corporation

  A767MU227M1VLAE028 Datasheet HTML 1Page - Kemet Corporation A767MU227M1VLAE028 Datasheet HTML 2Page - Kemet Corporation A767MU227M1VLAE028 Datasheet HTML 3Page - Kemet Corporation A767MU227M1VLAE028 Datasheet HTML 4Page - Kemet Corporation A767MU227M1VLAE028 Datasheet HTML 5Page - Kemet Corporation A767MU227M1VLAE028 Datasheet HTML 6Page - Kemet Corporation A767MU227M1VLAE028 Datasheet HTML 7Page - Kemet Corporation A767MU227M1VLAE028 Datasheet HTML 8Page - Kemet Corporation A767MU227M1VLAE028 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4071_A767 • 12/13/2016
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767 Series, 105°C
Shelf Life and Re-Ageing
• KEMET's conductive polymer aluminum solid electrolytic capacitors should not be stored in high temperatures or where
there is a high level of humidity.
• The suitable storage condition for KEMET's conductive polymer aluminum solid electrolytic capacitors is +5 to +35ºC and
less than 75% in relative humidity.
• KEMET's conductive polymer aluminum solid electrolytic capacitors should not be stored in damp conditions such as
water, saltwater spray or oil spray.
• KEMET's conductive polymer aluminum solid electrolytic capacitors should not be stored in an environment full of
hazardous gas (hydrogen sulphide, sulphurous acid gas, nitrous acid, chlorine gas, ammonium, etc.)
• KEMET's conductive polymer aluminum solid electrolytic capacitors should not be stored under exposure to ozone,
ultraviolet rays or radiation.
The capacitance, ESR and impedance of a capacitor will not change significantly after extended storage periods, however the
leakage current will very slowly increase.
If a capacitor is stored for a long period of time, the leakage current must be verified. If the leakage current is superior to the
value listed in
this catalog, the capacitors must be reformed.
Re-age (Reforming) Procedure
Apply the rated DC voltage to the capacitor at 105°C for a period of 120 minutes through a 1 kΩ series resistor.


Similar Part No. - A767MU227M1VLAE028

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767MU107M1JLAE028 KEMET-A767MU107M1JLAE028 Datasheet
63Kb / 1P
   A767, Polymer Aluminum, 105C LowZ, 100 uF, 20%, 63 V, -55/105C
A767MU686M1JLAE030 KEMET-A767MU686M1JLAE030 Datasheet
63Kb / 1P
   A767, Polymer Aluminum, 105C LowZ, 68 uF, 20%, 63 V, -55/105C
More results

Similar Description - A767MU227M1VLAE028

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com