Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A767KN186M1HLAE050 Datasheet(PDF) 10 Page - Kemet Corporation

Part # A767KN186M1HLAE050
Description  Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A767KN186M1HLAE050 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button A767KN186M1HLAE050 Datasheet HTML 6Page - Kemet Corporation A767KN186M1HLAE050 Datasheet HTML 7Page - Kemet Corporation A767KN186M1HLAE050 Datasheet HTML 8Page - Kemet Corporation A767KN186M1HLAE050 Datasheet HTML 9Page - Kemet Corporation A767KN186M1HLAE050 Datasheet HTML 10Page - Kemet Corporation A767KN186M1HLAE050 Datasheet HTML 11Page - Kemet Corporation A767KN186M1HLAE050 Datasheet HTML 12Page - Kemet Corporation A767KN186M1HLAE050 Datasheet HTML 13Page - Kemet Corporation A767KN186M1HLAE050 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4071_A767 • 12/13/2016
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767 Series, 105°C
Construction
Detailed Cross Section
Margin
Rubber Seal
Terminal Tabs
Lead
Terminal Tab
Aluminum Can
Anode Aluminum Foil,
Etched, Covered with
Aluminum Oxide
(Second Layer)
Cathode Aluminum
Foil, Etched (Fourth
Layer)
Paper Spacer with Solid
Polymer Electrolyte
(First Layer)
Paper Spacer with Solid
Polymer Electrolyte
(Third Layer)
Rubber Seal
Aluminum Can
Lead (+)
Lead (−)
Standard Marking for Surface Mount Types
Negative Polarity
Red Line
Capacitance (µF)
Series
Trademark
Rated Voltage (VDC)


Similar Part No. - A767KN186M1HLAE050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767KN826M1VLAE031 KEMET-A767KN826M1VLAE031 Datasheet
74Kb / 1P
   Polymer Aluminum, 105C LowZ, A767, 82 uF, 20%, 35 V, -55/105C
A767KN826M1VLAE031 KEMET-A767KN826M1VLAE031_17 Datasheet
74Kb / 1P
   Polymer Aluminum, 105C LowZ, A767, 82 uF, 20%, 35 V, -55/105C
More results

Similar Description - A767KN186M1HLAE050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com