Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A765KH187M1CLAE016 Datasheet(PDF) 2 Page - Kemet Corporation

Part # A765KH187M1CLAE016
Description  Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A765KH187M1CLAE016 Datasheet(HTML) 2 Page - Kemet Corporation

  A765KH187M1CLAE016 Datasheet HTML 1Page - Kemet Corporation A765KH187M1CLAE016 Datasheet HTML 2Page - Kemet Corporation A765KH187M1CLAE016 Datasheet HTML 3Page - Kemet Corporation A765KH187M1CLAE016 Datasheet HTML 4Page - Kemet Corporation A765KH187M1CLAE016 Datasheet HTML 5Page - Kemet Corporation A765KH187M1CLAE016 Datasheet HTML 6Page - Kemet Corporation A765KH187M1CLAE016 Datasheet HTML 7Page - Kemet Corporation A765KH187M1CLAE016 Datasheet HTML 8Page - Kemet Corporation A765KH187M1CLAE016 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4070_A765 • 12/13/2016
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A765 Series, 105°C
Ordering Options Table
Packaging Type
Packaging Code
Standard Packaging Options
T&R
LA
Contact KEMET for other Lead and Packaging options
Dimensions – Millimeters
L
W
D
H
C
R
P
Size
Code
D
L
W
H
C
R
P
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Nominal
BC
5
±0.5
6
±0.3
5.3
±0.2
5.3
±0.2
6.0
±0.2
0.5 – 0.8
1.4
BG
5
±0.5
7
±0.3
5.3
±0.2
5.3
±0.2
6.0
±0.2
0.5 – 0.8
1.4
EB
6.3
±0.5
5.7
±0.3
6.6
±0.2
6.6
±0.2
7.3
±0.2
0.5 – 0.8
2.1
EG
6.3
±0.5
7
±0.3
6.6
±0.2
6.6
±0.2
7.3
±0.2
0.5 – 0.8
2.1
EK
6.3
±0.5
8
±0.3
6.6
±0.2
6.6
±0.2
7.3
±0.2
0.5 – 0.8
2.1
EN
6.3
±0.5
9.7
±0.3
6.6
±0.2
6.6
±0.2
7.3
±0.2
0.5 – 0.8
2.1
KH
8
±0.5
7.5
±0.3
8.3
±0.2
8.3
±0.2
9.0
±0.2
0.8 – 1.1
3.2
KN
8
±0.5
9.7
±0.3
8.3
±0.2
8.3
±0.2
9.0
±0.2
0.8 – 1.1
3.2
MU
10
±0.5
12.6
±0.3
10.3
±0.2
10.3
±0.2
11.0
±0.2
0.8 – 1.1
4.6


Similar Part No. - A765KH187M1CLAE016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A765KH337M1ALAE017 KEMET-A765KH337M1ALAE017 Datasheet
59Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 330 uF, 20%, 10 V, -55/105C
More results

Similar Description - A765KH187M1CLAE016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com