Electronic Components Datasheet Search |
|
KM6164000BLRI-10L Datasheet(PDF) 4 Page - Samsung semiconductor |
|
KM6164000BLRI-10L Datasheet(HTML) 4 Page - Samsung semiconductor |
4 / 9 page KM6164000B Family CMOS SRAM Revision 4.01 June 1998 4 RECOMMENDED DC OPERATING CONDITIONS1) Note: 1. Commercial Product : TA=0 to 70 °C, otherwise specified Industrial Product : TA=-40 to 85 °C, otherwise specified 2. Overshoot : VCC+3.0V in case of pulse width ≤ 30ns 3. Undershoot : -3.0V in case of pulse width ≤ 30ns 4. Overshoot and undershoot are sampled, not 100% tested. Item Symbol Min Typ Max Unit Supply voltage Vcc 4.5 5.0 5.5 V Ground Vss 0 0 0 V Input high voltage VIH 2.2 - Vcc+0.52) V Input low voltage VIL -0.53) - 0.8 V CAPACITANCE1) (f=1MHz, TA=25 °C) 1. Capacitance is sampled, not 100% tested Item Symbol Test Condition Min Max Unit Input capacitance CIN VIN=0V - 8 pF Input/Output capacitance CIO VIO=0V - 10 pF DC AND OPERATING CHARACTERISTICS 1. Industrial Product = 50 µA Item Symbol Test Conditions Min Typ Max Unit Input leakage current ILI VIN=Vss to Vcc -1 - 1 µA Output leakage current ILO CS=VIH or OE=VIH or WE=VIL, VIO=Vss to Vcc -1 - 1 µA Operating power supply ICC IIO=0mA, CS=VIL, VIN=VIL or VIH, Read - - 15 mA Average operating current ICC1 Cycle time=1 µs, 100% duty, IIO=0mA CS ≤0.2V, VIN≤0.2V or VIN≥Vcc-0.2V Read - - 15 mA Write - - 75 ICC2 Cycle time=Min, 100% duty, IIO=0mA, CS=VIL, VIN=VIH or VIL - - 130 mA Output low voltage VOL IOL=2.1mA - - 0.4 V Output high voltage VOH IOH=-1.0mA 2.4 - - V Standby Current (TTL) ISB CS=VIH, Other inputs=VIL or VIH - - 3 mA Standby Current(CMOS) ISB1 CS ≥Vcc-0.2V, Other inputs=0~Vcc - - 201) µA |
Similar Part No. - KM6164000BLRI-10L |
|
Similar Description - KM6164000BLRI-10L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |