Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD3 Datasheet(PDF) 5 Page - Hongfa Technology

Part # HFD3
Description  Surge withstand voltage up to 2500VAC, meets FCC Part 68 and Telecordia
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD3 Datasheet(HTML) 5 Page - Hongfa Technology

  HFD3_17 Datasheet HTML 1Page - Hongfa Technology HFD3_17 Datasheet HTML 2Page - Hongfa Technology HFD3_17 Datasheet HTML 3Page - Hongfa Technology HFD3_17 Datasheet HTML 4Page - Hongfa Technology HFD3_17 Datasheet HTML 5Page - Hongfa Technology HFD3_17 Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
=TXLW0 81 R\^fdibA ;77k^n6m``g3 < m``gn6^\moji5
91 OQS ajm m``g k\^fdib dn ?77k^n5
WidoA hh
B1?5 ?13:9=7
Ejq`m o\k`
T``g
Gh]jnn`_
^\mmd`m o\k`
Qmd`io\odji h\mf
H``_ _dm`^odji
T``g Fdh`indjin
Fdm`^odji ja T`g\t Kin`modji
V\k` Fdh`indjin 0U otk`A Uo\i_\m_ UOV1
<8
\_c`ndq` o\k`
Ejq`m o\k`
\_c`ndq` o\k`
H``_ _dm`^odji
_pmdib ^pnojh`m pn\b`
\o g`\no < `hkot
m`g\t kjndodjin
Ejq`m o\k`
;A8
]
H``_
_dm`^odji
_pmdib
^pnojh`m
pn\b`
]
\o g`\no < `hkot
m`g\t kjndodjin
C
C
D
D
85<
;
9
8=
9hdi5
C4C
97
^
:
^
h\s5
87 759
D4D
75< 757<
:
^
h\s
0:5<1
@5@
9 75:
8: 759
:4T8
98 75<
9@5; 8
9;5; 85=


Similar Part No. - HFD3_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD3/1.5L1S1R HONGFA-HFD3/1.5L1S1R Datasheet
324Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD3/1.5L1SR HONGFA-HFD3/1.5L1SR Datasheet
324Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD3/1.5L2S1R HONGFA-HFD3/1.5L2S1R Datasheet
324Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD3/1.5L2SR HONGFA-HFD3/1.5L2SR Datasheet
324Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD3/12L1S1R HONGFA-HFD3/12L1S1R Datasheet
324Kb / 6P
   SUBMINIATURE SIGNAL RELAY
More results

Similar Description - HFD3_17

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11NS-3805 ALLIED-AR11NS-3805 Datasheet
382Kb / 2P
   RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
AR11-4224I ALLIED-AR11-4224I Datasheet
1Mb / 2P
   RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
AR11-4296I ALLIED-AR11-4296I Datasheet
1Mb / 2P
   RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
AR11-4231I ALLIED-AR11-4231I Datasheet
790Kb / 2P
   RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
AR11-4232I ALLIED-AR11-4232I Datasheet
738Kb / 2P
   RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
logo
Nais(Matsushita Electri...
DS2YE-S-DC5V NAIS-DS2YE-S-DC5V Datasheet
317Kb / 3P
   2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
logo
Powerbox
CFM-201S POWERBOX-CFM-201S Datasheet
341Kb / 2P
   Conductive EMI Meets CISPR/FCC Class B
logo
Bel Fuse Inc.
MJS100 BEL-MJS100 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
logo
Total Power Internation...
MKW2000 TOTAL-POWER-MKW2000 Datasheet
460Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
MSDWI03 TOTAL-POWER-MSDWI03 Datasheet
464Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com