Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A750KS128M0JDAE014 Datasheet(PDF) 3 Page - Kemet Corporation

Part # A750KS128M0JDAE014
Description  Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A750KS128M0JDAE014 Datasheet(HTML) 3 Page - Kemet Corporation

  A750KS128M0JDAE014 Datasheet HTML 1Page - Kemet Corporation A750KS128M0JDAE014 Datasheet HTML 2Page - Kemet Corporation A750KS128M0JDAE014 Datasheet HTML 3Page - Kemet Corporation A750KS128M0JDAE014 Datasheet HTML 4Page - Kemet Corporation A750KS128M0JDAE014 Datasheet HTML 5Page - Kemet Corporation A750KS128M0JDAE014 Datasheet HTML 6Page - Kemet Corporation A750KS128M0JDAE014 Datasheet HTML 7Page - Kemet Corporation A750KS128M0JDAE014 Datasheet HTML 8Page - Kemet Corporation A750KS128M0JDAE014 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC29606 • 864-963-6300 • www.kemet.com
A4067_A750 • 12/13/2016
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A750 Series, 105°C
Dimensions – Millimeters
L
d
D
P
15
Minimum
4
Minimum
Size Code
D
L
d
P
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
BG
5
±0.5
7
±1.0
0.5
±0.5
2.0
±0.5
BM
5
±0.5
9
±1.0
0.5
±0.5
2.0
±0.5
EK
6.3
±0.5
8
±1.0
0.5
±0.5
2.5
±0.5
KK
8
±0.5
8
±1.0
0.6
±0.5
3.5
±0.5
KS
8
±0.5
12
±1.0
0.6
±0.5
3.5
±0.5
MS
10
±0.5
12
±1.0
0.6
±0.5
5.0
±0.5
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
47 – 1,500 µF
Rated Voltage
2.5 – 25 VDC
Operating Temperature
−55°C to +105°C
Capacitance Tolerance
±20% at 120 Hz/20°C
Life Test
2,000 hours (see conditions in Test Method & Performance)
Leakage Current
I ≤ 0.2 CV or 280 µA, whichever is greater
C = Rated capacitance (µF), V = Rated voltage (VDC), Voltage applied for 2 minutes at 20°C.
Dissipation Factor (tan δ)
Rated Voltage (V)
2.5 – 25
tan δ (Maximum) at 120 Hz/20°C
0.12


Similar Part No. - A750KS128M0JDAE014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A750KS567M1CAAE013 KEMET-A750KS567M1CAAE013 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A750, 560 uF, 20%, 16 V, -55/105C, 12mm, Lead Spacing = 3.5mm
A750KS567M1CAAE013 KEMET-A750KS567M1CAAE013_17 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A750, 560 uF, 20%, 16 V, -55/105C, 12mm, Lead Spacing = 3.5mm
More results

Similar Description - A750KS128M0JDAE014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KS687M0EAAE014 KEMET-A758KS687M0EAAE014 Datasheet
5Mb / 17P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A755KS687M0EAAE014 KEMET-A755KS687M0EAAE014 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A758EK337M0EAAE018 KEMET-A758EK337M0EAAE018 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com