Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A750KK477M1AEAE016 Datasheet(PDF) 8 Page - Kemet Corporation

Part # A750KK477M1AEAE016
Description  Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A750KK477M1AEAE016 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button A750KK477M1AEAE016 Datasheet HTML 4Page - Kemet Corporation A750KK477M1AEAE016 Datasheet HTML 5Page - Kemet Corporation A750KK477M1AEAE016 Datasheet HTML 6Page - Kemet Corporation A750KK477M1AEAE016 Datasheet HTML 7Page - Kemet Corporation A750KK477M1AEAE016 Datasheet HTML 8Page - Kemet Corporation A750KK477M1AEAE016 Datasheet HTML 9Page - Kemet Corporation A750KK477M1AEAE016 Datasheet HTML 10Page - Kemet Corporation A750KK477M1AEAE016 Datasheet HTML 11Page - Kemet Corporation A750KK477M1AEAE016 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC29606 • 864-963-6300 • www.kemet.com
A4067_A750 • 12/13/2016
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A750 Series, 105°C
Expected Life Calculation Chart
Expected life depends on operating temperature according to the following formula:
L = Lo x 10(To-T)/20
Where:
L: Expected life
Lo: Life at maximum permissible operating temperature with rated operating voltage applied (hours)
T: Actual operating temperature
To: Maximum permissible operating temperature
The effect of derating temperature can be seen in this graph.
In this example, the life expectancy of a 2,000 hour Polymer capacitor is significantly greater than that of a 2,000 hour
standard electrolytic capacitor.
Expected Life (hours)
20,000
200,000
2,000
85ºC
105ºC
65ºC
Expected Life Calculation Chart
65
70
75
80
85
90
95
100
105
50,000
100,000
150,000
200,000
Conductive Polymer Electrolytic
Aluminum Electrolytic
Capacitor Life (H)


Similar Part No. - A750KK477M1AEAE016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A750KK107M1EAAE040 KEMET-A750KK107M1EAAE040 Datasheet
60Kb / 1P
   Polymer Aluminum, 105C LowZ, A750, 100 uF, 20%, 25 V, -55/105C, 8mm, Lead Spacing = 3.5mm
A750KK107M1EAAE040 KEMET-A750KK107M1EAAE040_17 Datasheet
60Kb / 1P
   Polymer Aluminum, 105C LowZ, A750, 100 uF, 20%, 25 V, -55/105C, 8mm, Lead Spacing = 3.5mm
More results

Similar Description - A750KK477M1AEAE016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KS687M0EAAE014 KEMET-A758KS687M0EAAE014 Datasheet
5Mb / 17P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A755KS687M0EAAE014 KEMET-A755KS687M0EAAE014 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A758EK337M0EAAE018 KEMET-A758EK337M0EAAE018 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com