Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1393115-5 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 3-1393115-5
Description  Single or dual wound DC coils or single wound AC coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393115-5 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  3-1393115-5 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393115-5 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393115-5 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Relays
Industrial Relays
KUL Series Latching Panel Plug-in Relay
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Coil versions, DC coil 1)
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
W
Single coil
12
12
9.0
120
1.2
24
24
18.0
472
1.25
48
48
36.0
1800
1.3
110
110
82.5
10000
1.25
Dual coil 2)
12
12
9.0
90
1.6
24
24
18.0
350
1.65
48
48
36.0
1400
1.65
110
110
82.5
7400
1.65
1) Latch and reset coil voltages and resistances are the same (unlike coils on request).
2) Dual coil available only with 1 or 2 form C contacts.
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil versions, AC coil 3)
Coil
Rated
Operate
Latch coil
Reset coil
Reset coil
code
voltage
voltage
resistance
resistance
resistor
VAC
VAC
Ω±15%
Ω±15%
Single coil
24
24
20.4
176
680
120
120
102.0
3700
15000
240
240
204.0
179000
68000
Dual coil
24
24
20.4
100
250
120
120
102.0
2525
2200
5600
3) AC coils use diodes. Diodes and resistors included inside relay with 1 and 2 Form C
contacts. For 3 Form C relay, the customer must furnish and wire diodes and resistors
externally (1N4007 is recommended diode).
All figures are given for coil without preenergization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
1500Vrms
between adjacent contacts
1500Vrms
Initial insulation resistance
between insulated elements
100MΩ
n
Magnetic latching relay
n
Single or dual wound DC coils or single wound AC coils
n
1, 2, and 3 pole Form C contact arrangement
n
Reset occurs by reversing polarity in a single coil relay or by
energizing the reset winding in dual coil relays
n
Various mounting and socket styles
Typical applications
Alarm systems, machine tools, battery chargers, process and power
controls, pressure washers, paving equipment
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO), 2 form C (CO), 3 form C (CO)
Rated voltage
240VAC
Rated current
10A
Contact material
Ag
AgCdO
Min. recommended contact load
100mA, 12VDC
300mA, 12VDC
Frequency of operation
360 ops./hour
Operate/release time max.
25/25ms
Contact ratings
Type
Load
Cycles
UL 508
Ag
5A, 240VAC
100x103
1/6HP, 120VAC
1/3HP, 240VAC
0.5A, 120VDC
2.5A, 120VAC, tungsten
AgCdO
10A, 250VAC
100x103
1/3HP, 120VAC
1/2HP, 250VAC
5A, 120VAC, tungsten
0.5A, 125VDC
10A, 28VDC
100x103
10FLA, 30LRA, 125VAC
5FLA, 15LRA, 250VAC
125VA, pilot duty, 125/250VAC
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
12 to 110VDC (single and dual coil)
24 to 240VAC (single coil)
24 to 120VAC (dual coil)
Coil insulation system according UL
Class B


Similar Part No. - 3-1393115-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1393115-5 TEC-3-1393115-5 Datasheet
599Kb / 3P
   Single or dual wound DC coils or single wound AC coils
More results

Similar Description - 3-1393115-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUL-0811 TEC-KUL-0811 Datasheet
599Kb / 3P
   Single or dual wound DC coils or single wound AC coils
logo
Frontier Electronics.
291A FRONTIER-291A Datasheet
66Kb / 2P
   SMD Air Wound Coils
292A FRONTIER-292A Datasheet
75Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A Datasheet
70Kb / 2P
   SMD Air Wound Coils
294A FRONTIER-294A Datasheet
70Kb / 2P
   SMD Air Wound Coils
logo
Murata Manufacturing Co...
LQH44PN6R8MP0L MURATA-LQH44PN6R8MP0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
LQH44PN470MJ0L MURATA-LQH44PN470MJ0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
logo
Linear Technology
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
logo
Murata Manufacturing Co...
LQH44P MURATA-LQH44P Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com