Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4839 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4839
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4839 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4839 Datasheet HTML 1Page - National Semiconductor (TI) LM4839 Datasheet HTML 2Page - National Semiconductor (TI) LM4839 Datasheet HTML 3Page - National Semiconductor (TI) LM4839 Datasheet HTML 4Page - National Semiconductor (TI) LM4839 Datasheet HTML 5Page - National Semiconductor (TI) LM4839 Datasheet HTML 6Page - National Semiconductor (TI) LM4839 Datasheet HTML 7Page - National Semiconductor (TI) LM4839 Datasheet HTML 8Page - National Semiconductor (TI) LM4839 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Electrical Characteristics for Single-Ended Mode Operation
(Notes 7, 10)
The following specifications apply for V
DD = 5V and TA = 25˚C unless otherwise noted.
Symbol
Parameter
Conditions
LM4839
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
P
O
Output Power
THD+N = 1.0%; f = 1kHz;
R
L =32Ω
85
mW
THD+N = 10%;f=1 kHz; R
L =
32
95
mW
THD+N
Total Harmonic Distortion+Noise
V
OUT =1VRMS, f=1kHz, RL = 10kΩ,
A
VD =1
0.065
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0 µF, f =120 Hz,
V
RIPPLE = 200 mVrms
58
dB
SNR
Signal to Noise Ratio
P
OUT =75 mW, R L =32Ω, A-Wtd
Filter
102
dB
X
talk
Channel Separation
f=1kHz, C
B = 1.0 µF
65
dB
Electrical Characteristics for Bridged Mode Operation
(Notes 7, 10)
The following specifications apply for V
DD = 5V and TA = 25˚C unless otherwise noted.
Symbol
Parameter
Conditions
LM4839
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
V
OS
Output Offset Voltage
V
IN = 0V, No Load
±50
mV (max)
P
O
Output Power
THD+N= 1.0%; f=1kHz; R
L =3Ω
(Note 8)
2.2
W
THD+N= 1.0%; f=1kHz; R
L =4Ω
(Note 9)(Note 15)
2W
THD = 1.5% (max);f = 1 kHz;
R
L =8Ω
1.1
1.0
W (min)
THD+N = 10%;f = 1 kHz; R
L =8Ω
1.5
W
THD+N
Total Harmonic Distortion+Noise
P
O = 1W, 20 Hz< f < 20 kHz,
R
L =8Ω,AVD =2
0.3
%
P
O = 340 mW, RL =32Ω
1.0
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0 µF, f = 120 Hz,
V
RIPPLE = 200 mVrms; RL =8Ω
74
dB
SNR
Signal to Noise Ratio
V
DD = 5V, POUT = 1.1W, RL =8Ω,
A-Wtd Filter
93
dB
X
talk
Channel Separation
f=1kHz, C
B = 1.0 µF
70
dB
Note 3: The
θJA given is for an MXA28A package whose exposed-DAP is soldered to an exposed 2in 2 piece of 1 ounce printed circuit board copper.
Note 4: The
θJA given is for an MXA28A package whose exposed-DAP is soldered to a 2in2 piece of 1 ounce printed circuit board copper on a bottom side layer
through 21 8mil vias.
Note 5: The
θJA given is for an MXA28A package whose exposed-DAP is soldered to an exposed 1in 2 piece of 1 ounce printed circuit board copper.
Note 6: The
θJA given is for an MXA28A package whose exposed-DAP is not soldered to any copper.
Note 7: All voltages are measured with respect to the ground pins, unless otherwise specified. All specifications are tested using the typical application as shown
in Figure 2.
Note 8: When driving 3
Ω loads from a 5V supply the LM4839MTE exposed DAP must be soldered to the circuit board and forced-air cooled.
Note 9: When driving 4
Ω loads from a 5V supply the LM4839MTE exposed DAP must be soldered to the circuit board.
Note 10:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 11: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θ JA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA )/θJA. For the LM4839MT, TJMAX = 150˚C, and the typical junction-to-ambient thermal resistance, when board
mounted, is 80˚C/W assuming the MTC28 package.
Note 12: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 13: Machine Model, 220 pF–240 pF discharged through all pins.
Note 14: Typicals are measured at 25˚C and represent the parametric norm.
www.national.com
4


Similar Part No. - LM4839

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4830 NSC-LM4830 Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
LM4830M NSC-LM4830M Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
LM4830N NSC-LM4830N Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
   Multimedia Computer Audio Chip
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
More results

Similar Description - LM4839

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com