Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ45-8N4-B Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RJ45-8N4-B
Description  Low Profile Filtered Modular Jacks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RJ45-8N4-B Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RJ45-8N4-B Datasheet HTML 1Page - TE Connectivity Ltd RJ45-8N4-B Datasheet HTML 2Page - TE Connectivity Ltd RJ45-8N4-B Datasheet HTML 3Page - TE Connectivity Ltd RJ45-8N4-B Datasheet HTML 4Page - TE Connectivity Ltd RJ45-8N4-B Datasheet HTML 5Page - TE Connectivity Ltd RJ45-8N4-B Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
251
N Series
Corcom Product Guide
N Series
Low Profile Filtered Modular Jacks
6
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
UL Recognized
CSA Certified
• Low profile SignalSentry filtered jack
• Available with sleeve or block inductors
• Available unshielded or shielded with board
grounded shield or spring fingered panel
ground interface
RJ11-6N-B
RJ45-8N-B
RJ45-8N-S
RJ11-6N3-B
RJ45-8N3-B
RJ45-8N3-S
RJ11-6N4-B
RJ45-8N4-B
RJ45-8N4-S
Available Part Numbers
Shield 3
RJ11
Specifications
Typical Impedance in Ohms
100
90
80
70
60
50
40
30
20
10
0
1
25
100
200
500
1000
Frequency in MHz
Ferrite block
Ferrite sleeve
Shield 4
RJ45
Unshielded
Ferrite Block
Model dimensions and PC board layout on pages 255-259
Contacts:
Material:
Phosphor Bronze
Plating:
50 microinches gold
Barrier underplating:
100 microinches nickel
Resistance:
Initial:
20 m
 max.
After 500 mating cycles:
30 m
 max.
Ferrites:
Type:
High resistivity, nickel zinc ceramic
Sleeves:
Single-aperture cylinders
Block:
Multi-aperture rectangular prism
Shield Material:
Tin-plated copper alloy
Housing Material:
Black glass-filled polyamide
(STANYL TE250F3)
Dielectric Withstanding Voltage:
Line to Line and Line to Ground:
1000 VAC for
60 seconds
Printed Circuit Board Retention:
Before soldering:
1 lb. minimum
After soldering:
20 lb. minimum


Similar Part No. - RJ45-8N4-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ45-8N4-B ETC1-RJ45-8N4-B Datasheet
41Kb / 1P
   UL Recognized CSA Certified
logo
Tyco Electronics
RJ45-8N4-B MACOM-RJ45-8N4-B Datasheet
258Kb / 6P
   N Series- Low Profile Filtered Modular RJ Jack
RJ45-8N4-B MACOM-RJ45-8N4-B Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
TE Connectivity Ltd
RJ45-8N4-B TEC-RJ45-8N4-B Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
RJ45-8N4-B TEC-RJ45-8N4-B Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
More results

Similar Description - RJ45-8N4-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RJ11-6N-B MACOM-RJ11-6N-B_11 Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
PCRJ11-1 COILCRAFT-PCRJ11-1_13 Datasheet
150Kb / 2P
   Filtered Modular Jacks ??PCRJ Series
logo
Tyco Electronics
RJ11-2LC1-S MACOM-RJ11-2LC1-S Datasheet
249Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
RJ11-2LC1-S MACOM-RJ11-2LC1-S_11 Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
logo
TE Connectivity Ltd
RJ11-2LC1-S TEC-RJ11-2LC1-S Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
LC TEC-LC_V01 Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
RJ11-6Z TEC-RJ11-6Z Datasheet
262Kb / 6P
   Low Profile Unfiltered Modular Jacks
logo
Tyco Electronics
RJ11-6N-B MACOM-RJ11-6N-B Datasheet
258Kb / 6P
   N Series- Low Profile Filtered Modular RJ Jack
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com