Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDR-134-1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # MDR-134-1
Description  AC and DC coils, latching and non-latching
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MDR-134-1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  MDR-134-1 Datasheet HTML 1Page - TE Connectivity Ltd MDR-134-1 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12–2
MDR Series, 10 Amp Rotary Relay
For Demanding Shock & Vibration Applications
Specialty Relays
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
Product Facts
n AC and DC coils, latching
and non-latching
n 4PDT through 24PDT contact
arrangements
n Designed to withstand high
impact shock per MIL-S-901
Small 8PDT
Medium 24PDT
Specifications
Contact Data
Arrangements — 4 Form C (4PDT)
through 24 Form C (24 PDT).
Contact Ratings
Single
Two Contacts
Contacts
in Series
10 A,
3 A,
115 VAC
440 VAC
3 A,
15 A,
28 VDC
115 VAC
0.8 A,
1.5 A,
125 VDC
125 VDC
The above AC contact ratings are
based on contact loads having a
50% power factor. The DC contact
ratings are based on resistive loads.
Latching Two-Position Types —
Except for the latching feature, MDR
latching relays utilize the same general
construction as non-latching types. They
have two sets of coils and provide a
latching two-position operation.
Operate Data @ 77°F [25°C]
Type
Typ. Operate
Typ. Release
Time (ms)
Time (ms)
Small AC Non-Latching
5 to 12
5 to 18
Small DC Non-Latching
15 to 30
5 to 15
Small AC Latching
6 to 12
N/A
Small DC Latching
10 to 16
N/A
Medium AC Non-Latching
6 to 12
6 to 20
Medium DC Non-Latching
65 to 90
10 to 30
Medium AC Latching
50 (max.)
N/A
Medium DC Latching
30 to 80
N/A
Fixed
Contact
A
B
C
D
E
F
G
H
Coil
Coil
J
K
L
M
1
2
3
4
Contacts Shown With
Coil 1-2 De-Energized
and Coil 3-4 Energized.
Coils Must be Energized Alternately,
Not Simultaneously.
Environmental Data
Temperature Range —
Standard models — 0°F to +149°F
[0°C to +65°C]
Special order models — 0°F to +194°F
[0°C to +90°C]
Mechanical Data
Termination — #5-40 screw terminals
supplied
Weight (Approx.) —
Small —
4 & 8PDT — 32 oz. [0.914 kg];
12PDT — 33 oz. [0.943 kg]
Medium —
16PDT — 72 oz. [2.04 kg];
24PDT — 74 oz. [2.10 kg]
Contact Section


Similar Part No. - MDR-134-1

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
MDR-10 MEANWELL-MDR-10 Datasheet
238Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
MDR-10 TOTAL-POWER-MDR-10 Datasheet
236Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-10-12 MEANWELL-MDR-10-12 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
MDR-10-12 MEANWELL-MDR-10-12 Datasheet
238Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - MDR-134-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-150 MACOM-FCA-150 Datasheet
374Kb / 6P
   Non-latching relay
logo
Teledyne Technologies I...
732 TELEDYNE-732 Datasheet
320Kb / 3P
   DPDT Non-Latching
logo
Micropac Industries
53513 MICROPAC-53513 Datasheet
74Kb / 7P
   NON-LATCHING, ISOLATED OUTPUT
logo
Teledyne Technologies I...
SGRF100 TELEDYNE-SGRF100 Datasheet
456Kb / 4P
   DPDT Non-Latching DC-6 GHz, RF Relay
2022
logo
3M Electronics
7E50 3M-7E50 Datasheet
877Kb / 4P
   CF Card Ejector and Latching Retainer
logo
Dialog Semiconductor
SLG7NT4229 DIALOG-SLG7NT4229 Datasheet
500Kb / 9P
   PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
SLG7NT4081 DIALOG-SLG7NT4081 Datasheet
252Kb / 9P
   PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
logo
First Silicon Co., Ltd
SDF01 FS-SDF01 Datasheet
525Kb / 6P
   With low holding and latching current
2021. 05. 21 Revision No : 0
logo
American Zettler, Inc.
AZ880 AZETTLER-AZ880 Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com