Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4913 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4913
Description  2W Monaural, 90mW Stereo Headphone Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4913 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4913 Datasheet HTML 7Page - National Semiconductor (TI) LM4913 Datasheet HTML 8Page - National Semiconductor (TI) LM4913 Datasheet HTML 9Page - National Semiconductor (TI) LM4913 Datasheet HTML 10Page - National Semiconductor (TI) LM4913 Datasheet HTML 11Page - National Semiconductor (TI) LM4913 Datasheet HTML 12Page - National Semiconductor (TI) LM4913 Datasheet HTML 13Page - National Semiconductor (TI) LM4913 Datasheet HTML 14Page - National Semiconductor (TI) LM4913 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a 5V regulator typically
use a 10µF in parallel with a 0.1µF filter capacitors to stabi-
lize the regulator’s output, reduce noise on the supply line,
and improve the supply’s transient response. However, their
presence does not eliminate the need for a local 0.47µF
tantalum bypass capacitance connected between the
LM4913’s supply pins and ground. Do not substitute a ce-
ramic capacitor for the tantalum. Doing so may cause oscil-
lation.
Keep the length of leads and traces that connect capacitors
between the LM4913’s power supply pin and ground as
short as possible. Connecting a 0.47µF capacitor, CB, be-
tween the BYPASS pin and ground improves the internal
bias voltage’s stability and improves the amplifier’s PSRR.
The PSRR improvements increase as the bypass pin ca-
pacitor value increases. Too large, however, increases
turn-on time and can compromise the amplifier’s click and
pop performance. The selection of bypass capacitor values,
especially CB, depends on desired PSRR requirements,
click and pop performance (as explained in the section,
Proper Selection of External Components), system cost, and
size constraints.
MICRO-POWER SHUTDOWN
The LM4913 features an active-low micro-power shutdown
mode. When active, the LM4913’s micro-power shutdown
feature turns off the amplifier’s bias circuitry, reducing the
supply current. The logic threshold is typically VDD/2. The
low 0.1µA typical shutdown current is achieved by applying a
voltage to the SHUTDOWN pin that is as near to GND as
possible. A voltage that is greater than GND may increase
the shutdown current.
There are a few methods to control the micro-power shut-
down. These include using a single-pole, single-throw switch
(SPST), a microprocessor, or a microcontroller. When using
a switch, connect a 100kW pull-up resistor between the
SHUTDOWN pin and VDD and the SPST switch between
the SHUTDOWN pin and GND. Select normal amplifier op-
eration by opening the switch. Closing the switch applies
GND to the SHUTDOWN pin, activating micro-power shut-
down. The switch and resistor guarantee that the SHUT-
DOWN pin will not float. This prevents unwanted state
changes. In a system with a microprocessor or a microcon-
troller, use a digital output to apply the active-state voltage to
the SHUTDOWN pin.
HEADPHONE (SINGLE-ENDED) AMPLIFIER
OPERATION
BTL/SE [Mono (BTL)/Stereo (SE)] Function
Applying a voltage greater than 0.9VDD to the LM4913’s
BTL/SE headphone control pin switches the amplifier’s op-
eration from mono BTL to stereo SE. Applying a voltage less
than 0.55VDD to the LM4913’s BTL/SE headphone control
pin switches the amplifier’s operation from stereo SE to
mono BTL.
Figure 3 shows how to control the LM4913’s headphone
function using four external resistors and a dual-switch ste-
reo headphone jack. External resistors R4 - R6 provide the
control voltages that are applied through the upper head-
phone jack switch. R6 and R7 provide a DC return path for
the SE coupling capacitors.
{Resume here and check other Fig. 3 below.} With no head-
phones connected to the headphone jack, the R5-R6 voltage
divider sets the voltage applied to the BTL/SE pin (pin 7) at
approximately 50mV (comfortably below the 0.55VDD logic-
low threshold). This 50mV tells the LM4913 to select the
signal applied to the MONO-IN input and places the LM4913
in mono BTL operation. When stereo SE operation is de-
sired, both headphone jack switches are opened with a
headphone plug. Opening the lower one allows R5 to apply
VDD to the BTL/SE pin. This switches the amplifier’s inputs
to the stereo signal. Opening the lower one breaks the
connection between AMP4’s output and the BTL speaker,
200617A1
FIGURE 3. Headphone Operation and BTL - SE Mode Switching
www.national.com
11


Similar Part No. - LM4913

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
   Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
   Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49100GR/NOPB TI1-LM49100GR/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

Similar Description - LM4913

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
   1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com