Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15SRB1-S Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 15SRB1-S
Description  Minimum Depth, Cost-effective Shielded Power Inlet Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

15SRB1-S Datasheet(HTML) 5 Page - TE Connectivity Ltd

  15SRB1-S Datasheet HTML 1Page - TE Connectivity Ltd 15SRB1-S Datasheet HTML 2Page - TE Connectivity Ltd 15SRB1-S Datasheet HTML 3Page - TE Connectivity Ltd 15SRB1-S Datasheet HTML 4Page - TE Connectivity Ltd 15SRB1-S Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SRB Series
Minimum Depth, Cost-effective Shielded Power Inlet Filter (continued)
3
207
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
QR
S
T
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
 
  































Performance Data
Typical Insertion Loss
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
WX
Y
Z
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0


Similar Part No. - 15SRB1-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15SRBX8 MACOM-15SRBX8 Datasheet
663Kb / 4P
   CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
15SRBX8-Q MACOM-15SRBX8-Q Datasheet
663Kb / 4P
   CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
15SRBX8-R MACOM-15SRBX8-R Datasheet
663Kb / 4P
   CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
15SRBX8-S MACOM-15SRBX8-S Datasheet
663Kb / 4P
   CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
15SRBX8-T MACOM-15SRBX8-T Datasheet
663Kb / 4P
   CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
More results

Similar Description - 15SRB1-S

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EEA TEC-EEA Datasheet
373Kb / 5P
   Cost-effective EMI Power Inlet Filter
logo
Tyco Electronics
1EEA1 MACOM-1EEA1_11 Datasheet
373Kb / 5P
   Cost-effective EMI Power Inlet Filter
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
Tyco Electronics
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
ON Semiconductor
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607 ONSEMI-NCP1607 Datasheet
261Kb / 23P
   Cost Effective Power Factor Controller
April, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com