Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4913MH Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4913MH
Description  2W Monaural, 90mW Stereo Headphone Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4913MH Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4913MH Datasheet HTML 2Page - National Semiconductor (TI) LM4913MH Datasheet HTML 3Page - National Semiconductor (TI) LM4913MH Datasheet HTML 4Page - National Semiconductor (TI) LM4913MH Datasheet HTML 5Page - National Semiconductor (TI) LM4913MH Datasheet HTML 6Page - National Semiconductor (TI) LM4913MH Datasheet HTML 7Page - National Semiconductor (TI) LM4913MH Datasheet HTML 8Page - National Semiconductor (TI) LM4913MH Datasheet HTML 9Page - National Semiconductor (TI) LM4913MH Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
External Components Description
(Figure 1)
Components
Functional Description
1.
R
i
This is the input resistor for the inverting input that, along with the 62.5k
Ω internal feedback resistor R
f, sets
the first stage’s closed-loop gain. The overall SE gain is A
V (SE) = 62.5k
Ω /R
i, whereas the overall BTL gain
is A
V (BTL) = -125k
Ω /R
i. Input resistance Ri and input capacitance Ci form a high pass filter. The ffilter’s
cutoff frequency is filter’s cutoff frequency is f
C =1/2
πR
iCi.
2.
C
i
This is the input coupling capacitor. It blocks DC voltage at the amplifier’s inverting input. C
ii and Ri create a
highpass filter. The filter’s cutoff frequency is f
C =1/2
πR
iCi. Refer to the Application Information section,
SELECTING EXTERNAL COMPONENTS, for an explanation of determining C
i’s value.
3.
C
C
This is the output coupling capacitor. Refer to the Application Information section, SELECTING EXTERNAL
COMPONENTS, for an explanation of determining CC’s value.
4.
C
S
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about
properly placing, and selecting the value of this capacitor.
5.
C
B
This capacitor filters the half-supply voltage present on the BYPASS pin. Refer to the Application Information
section, SELECTING EXTERNAL COMPONENTS, for information about properly placing, and selecting the
value of this capacitor.
Typical Performance Characteristics
Total Harmonic Distortion vs
Output Power
Total Harmonic Distortion vs
Output Power
200617A3
200617B8
Total Harmonic Distortion + Noise
vs Frequency
Total Harmonic Distortion + Noise
vs Frequency
200617A4
200617A5
www.national.com
6


Similar Part No. - LM4913MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
   Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
   Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49100GR/NOPB TI1-LM49100GR/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

Similar Description - LM4913MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
   1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com