Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175634 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 175634
Description  This specification covers the requirements for product performance
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175634 Datasheet(HTML) 2 Page - Tyco Electronics

  175634 Datasheet HTML 1Page - Tyco Electronics 175634 Datasheet HTML 2Page - Tyco Electronics 175634 Datasheet HTML 3Page - Tyco Electronics 175634 Datasheet HTML 4Page - Tyco Electronics 175634 Datasheet HTML 5Page - Tyco Electronics 175634 Datasheet HTML 6Page - Tyco Electronics 175634 Datasheet HTML 7Page - Tyco Electronics 175634 Datasheet HTML 8Page - Tyco Electronics 175634 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Product Specification
108-5246
Rev. L
2 of 21
3.2 材
A.
リセ・コンタクト:
リン青銅
・錫めっき品
ニッケル下地めっき( 0.5μm以上)
錫めっき仕上げ(0.2μm以上)
・金めっき品
全面ニッケル下地めっき(1μm以上)
接触部:
パラジウムニッケルめっき
仕上げ(0.4μm以上)
金めっき仕上げ(0.05μm以上)
はんだ付け部:
金めっき仕上げ (0.05μm以上)
B.
ポスト:
黄銅 0.5 DIA
・錫めっき品
銅下地めっき(0.5μm以上)
錫めっき済(0.8μm以上)
・金めっき品
ニッケル下地めっき(1μm以上)
金めっき仕上げ(0.2μm以上)
C.
リセ・ハウジング
PPS樹脂(UL94
V-0)…黒色
D.
ヘッダー・ハウジング
PPS樹脂(UL94 V-0)…黒色
E.
スペーサー・ハウジング
6/6ナイロン樹脂(UL94
V-0)…黒色
F.
リレー・ヘッダー・ハウジング
6/6ナイロン樹脂(UL94
V-0)…黒色
3.2
Materials :
A.
Receptacle contact:
Phosphor Bronze Alloy
・Tin Plated Products
0.8μm min. thick tin plating over
0.5 μ m min. thick nickel underplating.
・Gold Plated Products
All over 1μm min. thick nickel plating.
Contact Area:
0.05μm min. thick gold plating over 0.4μm
min.thick palladium-nickel underplating.
Solder Area:
Gold Plated (Thickness:0.05μm min.)
B.
Post
Brass 0.5 Dia:
Tin Plated Products
0.8μm min. thick tin plating over 0.5μm
min. thick copper underplating.
Gold Plated Products
0.2μm min. thick gold plating over 1μm
min. thick nickel underplating
C.
Receptale Housing
PPS (UL: 94 V-0)・…Black
D.
Header Housing
PPS (UL: 94 V-0)・…Black
E.
Spacer Housing
6/6 Nylon (UL: 94 V-0)・…Black
F.
Relay Header Housing
6/6 Nylon (UL: 94 V-0)・…Black


Similar Part No. - 175634

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756340 PHOENIX-1756340 Datasheet
41Kb / 2P
   Printed-circuit board connector - MSTB 2,5/ 7-G BK
logo
Weidmuller
1756340000 WEIDMULLER-1756340000 Datasheet
93Kb / 4P
   PCB connection systems
More results

Similar Description - 175634

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
114B ATTEND-114B Datasheet
323Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
2021/03/30
115H ATTEND-115H Datasheet
149Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115H-BA00.
2013/08/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com