Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ45-6LC2-S Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RJ45-6LC2-S
Description  Low Capacitance Modular RJ Jacks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RJ45-6LC2-S Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RJ45-6LC2-S Datasheet HTML 1Page - TE Connectivity Ltd RJ45-6LC2-S Datasheet HTML 2Page - TE Connectivity Ltd RJ45-6LC2-S Datasheet HTML 3Page - TE Connectivity Ltd RJ45-6LC2-S Datasheet HTML 4Page - TE Connectivity Ltd RJ45-6LC2-S Datasheet HTML 5Page - TE Connectivity Ltd RJ45-6LC2-S Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Corcom Product Guide
LCT Series
250
LCT Series
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Low Capacitance Modular RJ Jacks
Specifications
• Low capacitance model for improved
performance.
• Particularly suited for ethernet applications
• Available with block or sleeve inductance
• Available with board grounded shield or
spring fingered panel ground interface
Available Part Numbers
UL Recognized
CSA Certified



     
     






   







RJ11-6LCT1-S
RJ45-8LCT1-S
RJ11-6LCT1-B
RJ45-8LCT1-B
RJ11-6LCT2-S
RJ45-8LCT2-S
RJ11-6LCT2-B
RJ45-8LCT2-B
Typical Insertion Loss








     



   



Performance Data
Model dimensions and PC board layout on pages 255-259
Shield 2
RJ11
Shield 1
RJ11
Shield 2
RJ45
Shield 1
RJ45
Contacts:
Material:
Phosphor Bronze
Plating:
50 microinches gold
Barrier underplating:
100 microinches nickel
Resistance:
Initial:
20 m
 max.
After 500 mating cycles:
30 m
 max.
Capacitors:
Type:
Monolithic ceramic chip
Standard Value:
82 pF
Standard Tolerance:
± 20%
Ferrites:
Type:
High resistivity, nickel zinc ceramic
Sleeves:
Single-aperture cylinders
Block:
Multi-aperture rectangular prism
Shield Material:
Tin-plated copper alloy
Housing Material:
Glass-filled polyester (UL94V-0)
Dielectric Withstanding Voltage:
Line to Line and Line to Ground:
1000 VAC for
60 seconds
Printed Circuit Board Retention:
Before soldering:
1 lb. minimum
After soldering:
20 lb. minimum


Similar Part No. - RJ45-6LC2-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ45-6LC2-S ETC1-RJ45-6LC2-S Datasheet
32Kb / 1P
   TYPICAL INSERTION LOSS IN DB LINE-TO-GROUND (STOP BAND) IN A 50 OHM CIRCUIT
logo
Tyco Electronics
RJ45-6LC2-S MACOM-RJ45-6LC2-S Datasheet
249Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
RJ45-6LC2-S MACOM-RJ45-6LC2-S Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
logo
TE Connectivity Ltd
RJ45-6LC2-S TEC-RJ45-6LC2-S Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
RJ45-6LC2-S TEC-RJ45-6LC2-S Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
More results

Similar Description - RJ45-6LC2-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S Datasheet
295Kb / 6P
   Low Capacitance Modular RJ Jacks
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S_11 Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
RJH-4L-B MACOM-RJH-4L-B Datasheet
281Kb / 7P
   Inductive Filtering Modular RJ Jacks
RJH-4L-B MACOM-RJH-4L-B_11 Datasheet
335Kb / 7P
   Inductive Filtering Modular RJ Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
PCA ELECTRONICS INC.
EPJ9372A PCA-EPJ9372A_15 Datasheet
28Kb / 1P
   RJ Filter Port Jacks
logo
TE Connectivity Ltd
RJ11-6Z TEC-RJ11-6Z Datasheet
262Kb / 6P
   Low Profile Unfiltered Modular Jacks
LCT TEC-LCT Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Tyco Electronics
RJ11-6N-B MACOM-RJ11-6N-B_11 Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com