Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

176892 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 176892
Description  This specification covers the requirements for product performance
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

176892 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 176892 Datasheet HTML 5Page - Tyco Electronics 176892 Datasheet HTML 6Page - Tyco Electronics 176892 Datasheet HTML 7Page - Tyco Electronics 176892 Datasheet HTML 8Page - Tyco Electronics 176892 Datasheet HTML 9Page - Tyco Electronics 176892 Datasheet HTML 10Page - Tyco Electronics 176892 Datasheet HTML 11Page - Tyco Electronics 176892 Datasheet HTML 12Page - Tyco Electronics 176892 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Product Specification
108-5246
Rev. L
9 of 21
項目
試験項目
Para.
Test
Items
Requirements
Procedures
3.5.18
Physical Shock
No electrical discontinuity
greater than 1μsec. shall
occur.
Termination resistance
(low level)(Final)
20 mΩ Max.
Subject mated connectors to 50 G’s
half sine shock pulses of 16
millisecond duration, 3 shocks in
each direction applied along the
3 mutually perpendicular planes
to totally 18 shocks.
MIL-STD-202,METHOD 213
Condition A
The clamping manner shall be in
accordance with
Fig.7 after
mating the connectors.
3.5.19
はんだ付け性
供試品を10倍の拡大鏡を用い
て目視検査し、ピンホールまた
は空隙が1つの面積に集中し
たり、全体の面積の5%を越え
ないこと。
はんだ濡れは95 % 以上。
はんだ温度
:240 ± 5 °C
はんだ浸漬時間:3 ± 0.5 秒
使用フラックス:アルファー 100
(非活性ロジンベース)
はんだ(Sn-3.0Ag-0.5Cu)
3.5.19
Solderability
Appearance of the specimen
shall be inspected after the
test with the assistance of a
magnifier capable of giving a
magnification of 10 X . More
than 95% of the tested area of
the contact shall appear
sufficiently working fresh
coverage of wet solder,
without concentration of void
area in one place or whose
total area is not greater than
5% of the tested area.
The soldering tine areas of the
contacts in post header assembly and
receptacle header assembly shall be
tested by immersing in flux.(Alpha
100, non-active rosin base) for 3 to
5 seconds first, then immerse into
soldering tub filled with melted
Sn-3.0Ag-0.5Cu controlled at 240 ±
5 °C for 3±0.5 seconds
Fig.2 (続き)
Fig.2(To be continued)


Similar Part No. - 176892

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1768923 PHOENIX-1768923 Datasheet
101Kb / 5P
   Printed-circuit board connector - MC 1,5/ 3-STZ1-3,81
1768927 PHOENIX-1768927 Datasheet
147Kb / 5P
   MSTB 2,5/19-G
1768927 PHOENIX-1768927 Datasheet
179Kb / 5P
   MDSTB 2,5/19-G1
More results

Similar Description - 176892

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
114B ATTEND-114B Datasheet
323Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
2021/03/30
115H ATTEND-115H Datasheet
149Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115H-BA00.
2013/08/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com