Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSBC143EPDXV6 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSBC143EPDXV6
Description  Complementary Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC143EPDXV6 Datasheet(HTML) 5 Page - ON Semiconductor

  NSBC143EPDXV6 Datasheet HTML 1Page - ON Semiconductor NSBC143EPDXV6 Datasheet HTML 2Page - ON Semiconductor NSBC143EPDXV6 Datasheet HTML 3Page - ON Semiconductor NSBC143EPDXV6 Datasheet HTML 4Page - ON Semiconductor NSBC143EPDXV6 Datasheet HTML 5Page - ON Semiconductor NSBC143EPDXV6 Datasheet HTML 6Page - ON Semiconductor NSBC143EPDXV6 Datasheet HTML 7Page - ON Semiconductor NSBC143EPDXV6 Datasheet HTML 8Page - ON Semiconductor NSBC143EPDXV6 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MUN5332DW1, NSBC143EPDXV6, NSBC143EPDP6
www.onsemi.com
5
TYPICAL CHARACTERISTICS − PNP TRANSISTOR
MUN5332DW1, NSBC143EPDXV6
75
°C
25
°C
−25
°C
Figure 7. VCE(sat) vs. IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
Figure 11. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
5
50
40
30
20
10
0
0
2
4
6
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75
°C
25
°C
TA = −25°C
75
°C
25
°C
TA = −25°C
75
°C
25
°C
TA = −25°C
0.01
0.01
0.1
30
8
10
VCE = 10 V
f = 10 kHz
lE = 0 A
TA = 25°C
VO = 5 V
VO = 0.2 V
1
3
7
9
IC/IB = 10


Similar Part No. - NSBC143EPDXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC143EPDXV6 ONSEMI-NSBC143EPDXV6 Datasheet
167Kb / 10P
   Complementary Bias Resistor Transistors R1 = 4.7 k, R2 = 4.7 k
September, 2012 ??Rev. 0
NSBC143EPDXV6T1G ONSEMI-NSBC143EPDXV6T1G Datasheet
167Kb / 10P
   Complementary Bias Resistor Transistors R1 = 4.7 k, R2 = 4.7 k
September, 2012 ??Rev. 0
NSBC143EPDXV6T1G ONSEMI-NSBC143EPDXV6T1G Datasheet
181Kb / 15P
   Dual Bias Resistor Transistors
January, 2012 ??Rev. 7
More results

Similar Description - NSBC143EPDXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com