Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC3DXV5T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # EMC3DXV5T1G
Description  Dual Common Base-Collector Bias Resistor Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMC3DXV5T1G Datasheet(HTML) 1 Page - ON Semiconductor

  EMC3DXV5T1G Datasheet HTML 1Page - ON Semiconductor EMC3DXV5T1G Datasheet HTML 2Page - ON Semiconductor EMC3DXV5T1G Datasheet HTML 3Page - ON Semiconductor EMC3DXV5T1G Datasheet HTML 4Page - ON Semiconductor EMC3DXV5T1G Datasheet HTML 5Page - ON Semiconductor EMC3DXV5T1G Datasheet HTML 6Page - ON Semiconductor EMC3DXV5T1G Datasheet HTML 7Page - ON Semiconductor EMC3DXV5T1G Datasheet HTML 8Page - ON Semiconductor EMC3DXV5T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 7
1
Publication Order Number:
EMC2DXV5T1/D
EMC2DXV5T1G,
EMC3DXV5T1G,
EMC4DXV5T1G,
EMC5DXV5T1G
Dual Common
Base-Collector Bias
Resistor Transistors
NPN and PNP Silicon Surface Mount
Transistors with Monolithic Bias
Resistor Network
The BRT (Bias Resistor Transistor) contains a single transistor with
a monolithic bias network consisting of two resistors; a series base
resistor and a base−emitter resistor. These digital transistors are
designed to replace a single device and its external resistor bias
network. The BRT eliminates these individual components by
integrating them into a single device. In the EMC2DXV5T1G series,
two complementary BRT devices are housed in the SOT−553 package
which is ideal for low power surface mount applications where board
space is at a premium.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free Devices
MAXIMUM RATINGS (TA = 25°C unless otherwise noted, common for Q1
and Q2, − minus sign for Q1 (PNP) omitted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
MARKING DIAGRAM
45
Q1
Q2
R1
R1
R2
R2
31
2
http://onsemi.com
SOT−553
CASE 463B
1
5
Ux M
G
G
Ux = Specific Device Code
x = C, 3, E, or 5
M
= Date Code
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - EMC3DXV5T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMC3DXV5T1G ONSEMI-EMC3DXV5T1G Datasheet
96Kb / 11P
   Dual Common Base?묬ollector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 4
EMC3DXV5T1G ONSEMI-EMC3DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
More results

Similar Description - EMC3DXV5T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMC2NT1G ONSEMI-UMC2NT1G_11 Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
UMC2NT1G ONSEMI-UMC2NT1G_V01 Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
NSTB1005DXV5T1G ONSEMI-NSTB1005DXV5T1G Datasheet
108Kb / 5P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 1
NSTB1005DXV5 ONSEMI-NSTB1005DXV5_04 Datasheet
62Kb / 6P
   Dual Common Base-Collector Bias Resistor Transistors
March, 2004 ??Rev. 0
EMC2DXV5T1 ONSEMI-EMC2DXV5T1 Datasheet
72Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2003 ??Rev. 1
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
UMC2NT1G ONSEMI-UMC2NT1G Datasheet
164Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2009 ??Rev. 8
UMC2NT1 ONSEMI-UMC2NT1 Datasheet
87Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2004 ??Rev. 5
NSTB1002DXV5 ONSEMI-NSTB1002DXV5_06 Datasheet
63Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2006 ??Rev. 0
NSB1010XV5T5 ONSEMI-NSB1010XV5T5 Datasheet
100Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com