Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMUN5235DW1T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # SMUN5235DW1T1G
Description  Dual NPN Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5235DW1T1G Datasheet(HTML) 4 Page - ON Semiconductor

  SMUN5235DW1T1G Datasheet HTML 1Page - ON Semiconductor SMUN5235DW1T1G Datasheet HTML 2Page - ON Semiconductor SMUN5235DW1T1G Datasheet HTML 3Page - ON Semiconductor SMUN5235DW1T1G Datasheet HTML 4Page - ON Semiconductor SMUN5235DW1T1G Datasheet HTML 5Page - ON Semiconductor SMUN5235DW1T1G Datasheet HTML 6Page - ON Semiconductor SMUN5235DW1T1G Datasheet HTML 7Page - ON Semiconductor SMUN5235DW1T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MUN5235DW1, NSBC123JDXV6, NSBC123JDP6
http://onsemi.com
4
TYPICAL CHARACTERISTICS
MUN5235DW1, NSBC123JDXV6
f = 10 kHz
IE = 0 A
TA = 25°C
3.6
3.2
2.8
2.4
2
1.6
1.2
0.8
0.4
0
010
20
30
40
50
75°C
25°C
−25°C
Figure 2. VCE(sat) vs. IC
Figure 3. DC Current Gain
Figure 4. Output Capacitance
Figure 5. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 6. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
1000
10
1
0.001
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
0.01
0.01
0.1
30
100
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V


Similar Part No. - SMUN5235DW1T1G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMUN5235DW SECOS-SMUN5235DW Datasheet
352Kb / 8P
   NPN Multi-Chip Built-in Resistors Transistor
SMUN5235DW SECOS-SMUN5235DW Datasheet
483Kb / 8P
   Built-in Resistors Transistor
More results

Similar Description - SMUN5235DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC114YDXV6T1G ONSEMI-NSBC114YDXV6T1G Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
SMUN5233DW1T1G ONSEMI-SMUN5233DW1T1G Datasheet
120Kb / 8P
   Dual NPN Bias Resistor Transistors
May, 2013 ??Rev. 1
NSBC123TDP6 ONSEMI-NSBC123TDP6 Datasheet
99Kb / 5P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5234DW1 ONSEMI-MUN5234DW1 Datasheet
141Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TD ONSEMI-NSBC115TD Datasheet
102Kb / 5P
   Dual NPN Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5214DW1 ONSEMI-MUN5214DW1 Datasheet
88Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2014 ??Rev. 2
MUN5236DW1 ONSEMI-MUN5236DW1 Datasheet
116Kb / 6P
   Dual NPN Bias Resistor Transistors
January, 2014 ??Rev. 1
SMUN5211DW1T1G ONSEMI-SMUN5211DW1T1G Datasheet
155Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com