Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340T-5.0 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM340T-5.0
Description  Series 3-Terminal Positive Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM340T-5.0 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM340T-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LM340T-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LM340T-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LM340T-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM340T-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM340T-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM340T-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM340T-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM340T-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 5)
DC Input Voltage
All Devices except
LM7824/LM7824C
35V
LM7824/LM7824C
40V
Internal Power Dissipation (Note 2)
Internally Limited
Maximum Junction Temperature
150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
TO-3 Package (K)
300˚C
TO-220 Package (T), TO-263
Package (S)
230˚C
ESD Susceptibility (Note 3)
2 kV
Operating Conditions (Note 1)
Temperature Range (T
A) (Note 2)
LM140A, LM140
−55˚C to +125˚C
LM340A, LM340, LM7805C,
LM7812C, LM7815C, LM7808C
0˚C to +125˚C
LM340A
Electrical Characteristics
I
OUT= 1A, −55˚C ≤ TJ≤+150˚C (LM140A), or 0˚C ≤ TJ≤+ 125˚C (LM340A) unless otherwise specified (Note 4)
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ Max
Min
Typ Max
Min
Typ
Max
VO
Output Voltage
TJ = 25˚C
4.9
5
5.1
11.75
12 12.25
14.7
15
15.3
V
PD ≤ 15W, 5 mA ≤ IO ≤ 1A
4.8
5.2
11.5
12.5
14.4
15.6
V
VMIN ≤ VIN ≤ VMAX
(7.5
≤ V
IN ≤ 20)
(14.8
≤ V
IN ≤ 27)
(17.9
≤ V
IN ≤ 30)
V
∆V
O
Line Regulation
IO = 500 mA
10
18
22
mV
∆V
IN
(7.5
≤ V
IN ≤ 20)
(14.8
≤ V
IN ≤ 27)
(17.9
≤ V
IN ≤ 30)
V
TJ = 25˚C
3
10
4
18
4
22
mV
∆V
IN
(7.5
≤ V
IN ≤ 20)
(14.5
≤ V
IN ≤ 27)
(17.5
≤ V
IN ≤ 30)
V
TJ = 25˚C
4
9
10
mV
Over Temperature
12
30
30
mV
∆V
IN
(8
≤ V
IN ≤ 12)
(16
≤ V
IN ≤ 22)
(20
≤ V
IN ≤ 26)
V
∆V
O
Load Regulation
TJ = 25˚C
5 mA
≤ I
O ≤ 1.5A
10
25
12
32
12
35
mV
250 mA
≤ I
O ≤ 750 mA
15
19
21
mV
Over Temperature,
25
60
75
mV
5mA
≤ I
O ≤ 1A
IQ
Quiescent Current
TJ = 25˚C
6
6
6
mA
Over Temperature
6.5
6.5
6.5
mA
∆I
Q
Quiescent Current
5 mA
≤ I
O ≤ 1A
0.5
0.5
0.5
mA
Change
TJ = 25˚C, IO = 1A
0.8
0.8
0.8
mA
VMIN ≤ VIN ≤ VMAX
(7.5
≤ V
IN ≤ 20)
(14.8
≤ V
IN ≤ 27)
(17.9
≤ V
IN ≤ 30)
V
IO = 500 mA
0.8
0.8
0.8
mA
VMIN ≤ VIN ≤ VMAX
(8
≤ V
IN ≤ 25)
(15
≤ V
IN ≤ 30)
(17.9
≤ V
IN ≤ 30)
V
VN
Output Noise Voltage
TA = 25˚C, 10 Hz ≤ f ≤ 100 kHz
40
75
90
µV
Ripple Rejection
TJ = 25˚C, f = 120 Hz, IO = 1A
68
80
61
72
60
70
dB
or f = 120 Hz, IO = 500 mA,
68
61
60
dB
Over Temperature,
VMIN ≤ VIN ≤ VMAX
(8
≤ V
IN ≤ 18)
(15
≤ V
IN ≤ 25)
(18.5
≤ V
IN ≤ 28.5)
V
RO
Dropout Voltage
TJ = 25˚C, IO = 1A
2.0
2.0
2.0
V
Output Resistance
f = 1 kHz
8
18
19
m
Short-Circuit Current
TJ = 25˚C
2.1
1.5
1.2
A
Peak Output Current
TJ = 25˚C
2.4
2.4
2.4
A
Average TC of VO
Min, TJ = 0˚C, IO = 5 mA
−0.6
−1.5
−1.8
mV/˚C
VIN
Input Voltage
TJ = 25˚C
Required to Maintain
7.5
14.5
17.5
V
Line Regulation
www.national.com
2


Similar Part No. - LM340T-5.0

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340T-5.0 MOTOROLA-LM340T-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340T-5.0 ONSEMI-LM340T-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340T-5.0 NSC-LM340T-5.0 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340T-5.0 TI1-LM340T-5.0 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

Similar Description - LM340T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM78L62ACZ TI1-LM78L62ACZ Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com