Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG-QFN-7002 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CG-QFN-7002
Description  Minimum real estate required
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-QFN-7002 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CG-QFN-7002 Datasheet HTML 1Page - Ironwood Electronics. CG-QFN-7002 Datasheet HTML 2Page - Ironwood Electronics. CG-QFN-7002 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Top View
Side View
(Section AA)
30.23mm
[1.190"]
25.48mm [1.003"]
A
A
34.5mm
+ IC thickness
All Tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
PAGE 1 of 3
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes forces evenly
Clamshell lid
Compression Plate: Black anodized Aluminum.
Thickness = 8.5 mm.
Compression Screw: Clear anodized Aluminum.
Height = 25 mm, Fluted Knob
Socket Base: Black anodized Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized Aluminum.
Height = 16.5 mm.
Socket Base Screw: Socket Head Cap Screw, alloy steel
with black oxide finish, 0-80 Thread, 3/8" long.
1
Materials:
2
3
4
5
6
7
8
Customer's QFN IC
9
10
IC Guide: Torlon
Elastomer Guide: Non-clad FR4.
Thickness = 0.475mm.
Elastomer: 20 micron dia gold plated brass filaments
arranged symmetrically in a silicone rubber (63.5
degree angle). Thickness = 0.5mm.
Latch: Black anodised Aluminum.
1
2
3
4
8
7
10
6
5
10
9
Customer's PCB
Status: Released
Drawing: M.A. Fedde
Scale: -
Rev:B
Date: 11/2/09
Modified: 05/07/14, DH
File: CG-QFN-7002 Dwg.mcd
CG-QFN-7002 Drawing
© 2009 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
11
Nylon washer: 1.73mm ID; 4.78mm OD
0.64mm thickness.
11


Similar Part No. - CG-QFN-7002

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7001 IRONWOOD-CG-QFN-7001 Datasheet
92Kb / 3P
   Easily removable clamshell socket lid
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-QFN-7004 IRONWOOD-CG-QFN-7004 Datasheet
189Kb / 6P
   High speed, reliable Elastomer connection
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
More results

Similar Description - CG-QFN-7002

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com