Electronic Components Datasheet Search |
|
353509 Datasheet(PDF) 5 Page - Tyco Electronics |
|
353509 Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 21 page Product Specification 108-5246 Rev. L 5 of 21 項目 試験項目 規 格 値 試 験 方 法 Para. Test Items Requirements Procedures 3.5.5 温度上昇対電流 規定電流を通電して、温度上昇 は30 °C以下 通電による温度上昇を測定する こと。 3.5.5 Temperature Rising VS Current 30 °C Max. under loaded rating current. Measure temperature rising by energized current. 環 境 的 性 能 Environmental Requirements 3.5.6 耐湿性(定常状態) 総合抵抗(ローレベル) 20mΩ最大(試験後) 絶縁抵抗:100MΩ以上(終期値) 嵌合したコネクタを相対湿度90 ~95%、温度40±2℃の定常状態 に500時間さらすこと。 MIL-STD202、試験法103,条件C 3.5.6 Humidity, Steady State Termination Resistance (Low Level)(Final) 20 mΩ max. Insulation Resistance(Final) 100MΩ max. Subject mated connetors to steady state humidity at 40℃ and 90-95% R.H. for 500 hours. MIL-STD-202, METHOD 103, Condition C. 3.5.7 耐熱性 総合抵抗(ローレベル) 20 mΩ 最大(試験後) 嵌合したコネクタを温度85±2°C の試験環境下に500時間さらすこ と。 MIL-STD-202、試験法108条件C 3.5.7 Heat Resistivity Termination Resistance (Low level)(Final) 20 mΩ Max. Subject mated connectors to heat resistivity at 85±2°Cfor 500 hours,per MIL-STD-202,METHOD 108, Condition C 3.5.8 熱衝撃 総合抵抗(ローレベル) 20 mΩ 最大(試験後) 嵌合したコネクタを -55 °C / 30 分、+85 °C / 30 分 を 1 サイクルとし、25サイクル さらすこと。 MIL-STD-202、試験法107条件A-1 3.5.8 Thermal Shock Termination Resistance (Low level)(Final) 20 mΩ Max. Subject mated connectors to 25 cycles between -55°C and +85 °C for 30 minutes each. MIL-STD-202,METHOD 107, Condition A-1 Fig.2 (続き) Fig.2(To be continued) |
Similar Part No. - 353509 |
|
Similar Description - 353509 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |