Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M51995FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M51995FP
Description  SWITCHING REGULATOR CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M51995FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M51995FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M51995FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M51995FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M51995FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M51995FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M51995FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M51995FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M51995FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M51995FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SWITCHING REGULATOR CONTROL
M51995AP/FP
MITSUBISHI (Dig./Ana. INTERFACE)
(
/ 27 )
7
AMBIENT TEMPERATURE Ta(°C)
AMBIENT TEMPERATURE Ta(°C)
AMBIENT TEMPERATURE Ta(°C)
2.5
3.0
3.5
-60
-40
-20
0
20
40
60
80
100
VF THRESHOLD VOLTAGE FOR TIMER
VS. AMBIENT TEMPERATURE
THRESHOLD VOLTAGE OF CLM+ TERMINAL
VS. AMBIENT TEMPERATURE
THRESHOLD VOLTAGE OF CLM- TERMINAL
VS. AMBIENT TEMPERATURE
CLM+ TERMINAL CURRENT
VS. CLM+ TERMINAL VOLTAGE
CLM- TERMINAL CURRENT
VS. CLM- TERMINAL VOLTAGE
OUTPUT HIGH VOLTAGE VS.
OUTPUT SOURCE CURRENT
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
-100
-200
-300
-400
0
195
200
205
195
200
205
0
-0.2
-0.4
-0.6
-0.8
-1.0
-100
-200
-300
-400
-500
0
1m
10m
100m
1
10
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
CLM+ TERMINAL VOLTAGE VCLM+(V)
CLM- TERMINAL VOLTAGE VCLM-(V)
OUTPUT SOURCE CURRENT IOH(A)
Ta=25°C
Ta=85°C
Ta=-30°C
Vcc=18V
Ta=25°C
Ta=25°C
Ta=-30°C
Ta=85°C


Similar Part No. - M51995FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51995FP MITSUBISHI-M51995FP Datasheet
980Kb / 27P
   SWITCHING REGULATOR CONTROL
More results

Similar Description - M51995FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51978P MITSUBISHI-M51978P Datasheet
1Mb / 24P
   SWITCHING REGULATOR CONTROL
M51997P MITSUBISHI-M51997P Datasheet
922Kb / 22P
   SWITCHING REGULATOR CONTROL?
logo
Renesas Technology Corp
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
   Switching Regulator Control
logo
Mitsubishi Electric Sem...
M51996AP MITSUBISHI-M51996AP Datasheet
366Kb / 22P
   SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
   Switching Regulator Control
M51998P RENESAS-M51998P Datasheet
1Mb / 5P
   SWITCHING REGULATOR CONTROL
logo
Mitsubishi Electric Sem...
M5T494 MITSUBISHI-M5T494 Datasheet
294Kb / 5P
   SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995 RENESAS-M51995 Datasheet
11Mb / 28P
   SWITCHING REGULATOR CONTROL
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com