Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG-QFN-7008 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CG-QFN-7008
Description  Hinged clamshell socket lid
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-QFN-7008 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CG-QFN-7008 Datasheet HTML 1Page - Ironwood Electronics. CG-QFN-7008 Datasheet HTML 2Page - Ironwood Electronics. CG-QFN-7008 Datasheet HTML 3Page - Ironwood Electronics. CG-QFN-7008 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Recommended Torque = 0.5 in-lbs
25.225
30.23
TOP VIEW
0.48
9.98
10.00
8.00
36.20
5.98
1.88
18.00
12.225
customer's target PCB
SIDE VIEW
GHz QFN Socket - Direct mount, solderless
Features
• Directly mounts to target PCB (needs tooling holes) with hardware
• High speed, reliable Elastomer connection
• Minimum real estate required
• Compression plate distributes forces evenly
• Hinged clamshell socket lid
SIDE VIEW
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: CG-QFN 4x7mm 0.5mm pitch QFN36
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. C
DATE: 04/09/2014
Material: N/A
Finish: N/A
Weight: 33.11
CG-QFN-7008 Drawing
SCALE: 1.85:1
SHEET: 1 OF 4
ENG: S. Huang
FILE: CG-QFN-7008 Dwg
DRAWN BY: M. Raske


Similar Part No. - CG-QFN-7008

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7001 IRONWOOD-CG-QFN-7001 Datasheet
92Kb / 3P
   Easily removable clamshell socket lid
CG-QFN-7002 IRONWOOD-CG-QFN-7002 Datasheet
118Kb / 3P
   Minimum real estate required
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-QFN-7004 IRONWOOD-CG-QFN-7004 Datasheet
189Kb / 6P
   High speed, reliable Elastomer connection
More results

Similar Description - CG-QFN-7008

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-QFN-7011 IRONWOOD-CG-QFN-7011 Datasheet
296Kb / 4P
   Hinged clamshell socket lid
GT-BGA-2024 IRONWOOD-GT-BGA-2024 Datasheet
309Kb / 4P
   Hinged clamshell socket lid
CG-BGA-5023 IRONWOOD-CG-BGA-5023 Datasheet
493Kb / 7P
   Hinged clamshell socket lid
CG-QFN-7006 IRONWOOD-CG-QFN-7006 Datasheet
378Kb / 4P
   Hinged clamshell socket lid
CG-BGA-5024 IRONWOOD-CG-BGA-5024 Datasheet
301Kb / 4P
   Hinged clamshell socket lid
CG-QFN-7010 IRONWOOD-CG-QFN-7010 Datasheet
436Kb / 6P
   Hinged clamshell socket lid
CG-QFN-7007 IRONWOOD-CG-QFN-7007 Datasheet
297Kb / 4P
   Hinged clamshell socket lid
CG-QFN-7001 IRONWOOD-CG-QFN-7001 Datasheet
92Kb / 3P
   Easily removable clamshell socket lid
GT-QFN-3000 IRONWOOD-GT-QFN-3000 Datasheet
219Kb / 4P
   Clamshell lid design
TS-SS-11-3.0 IRONWOOD-TS-SS-11-3.0 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com