Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG-QFN-7011 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CG-QFN-7011
Description  Hinged clamshell socket lid
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-QFN-7011 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CG-QFN-7011 Datasheet HTML 1Page - Ironwood Electronics. CG-QFN-7011 Datasheet HTML 2Page - Ironwood Electronics. CG-QFN-7011 Datasheet HTML 3Page - Ironwood Electronics. CG-QFN-7011 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
13
6
14
16
5
3
10
4
9
11
8
12
1
7
2
17
15
ITEM
NO.
DESCRIPTION
Material
1
Alignment Pin 1/32" dia. x 1/8" lng
Chrome Stainless Steel
2
Washer, #0 x .025", Nylon
Nylon 6/6
3
Socket Base
7075-T6 Aluminum Alloy
4
Compression Plate 6mm sq
7075-T6 Aluminum Alloy
5
Clam Shell Lid
7075-T6 Aluminum Alloy
6
Fluted Knob Compression Screw
7075-T6 Aluminum Alloy
7
Latch, Ni plated
7075-T6 Aluminum Alloy
8
Elastomer Guide 7x7mm
Ultem
9
IC (MLF) Guide
Kapton Polyimide/Cirlex
10
Customer's device
FR4 High temp
11
Customer's target PCB
FR4 High temp
12
0.5mm thick, 0.05x 0.05mm pitch, 50mm sqr,
Z-axis conductive angled elastomer
20 Micron dia gold plated
brass filaments arranged
symettrically in a silicon
rubber (63.5 degree angle),
Thickness: 0.5mm
13
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
14
Spring Clamshell lid assembly
Steel Music Wire
15
Precision Compression Spring, Zinc-Plated
Music Wire, 1/2" Length, .12" OD, .016" Wire
Zinc Plated Music Wire
16
Hinge Pin and Snap Ring, 2mm OD, 19mm
long, SS
Stainless Steel (ferritic)
17
#0-80 X .25 LG, SOC HD CAP SCREW,
ALLOY STL, BLK OXIDE
Alloy Steel
Rev Date Initials Description
A 9/3/14 ELS Original
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/22/2014
Material: N/A
Finish: N/A
Weight: 33.42
CG-QFN-7011 Drawing
SCALE: 2:1
SHEET: 4 OF 4
ENG: E. Smolentseva
FILE: CG-QFN-7011 Dwg
DRAWN BY: M. Raske


Similar Part No. - CG-QFN-7011

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-QFN-7010 IRONWOOD-CG-QFN-7010 Datasheet
436Kb / 6P
   Hinged clamshell socket lid
More results

Similar Description - CG-QFN-7011

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
GT-BGA-2024 IRONWOOD-GT-BGA-2024 Datasheet
309Kb / 4P
   Hinged clamshell socket lid
CG-BGA-5023 IRONWOOD-CG-BGA-5023 Datasheet
493Kb / 7P
   Hinged clamshell socket lid
CG-QFN-7006 IRONWOOD-CG-QFN-7006 Datasheet
378Kb / 4P
   Hinged clamshell socket lid
CG-QFN-7008 IRONWOOD-CG-QFN-7008 Datasheet
296Kb / 4P
   Hinged clamshell socket lid
CG-BGA-5024 IRONWOOD-CG-BGA-5024 Datasheet
301Kb / 4P
   Hinged clamshell socket lid
CG-QFN-7010 IRONWOOD-CG-QFN-7010 Datasheet
436Kb / 6P
   Hinged clamshell socket lid
CG-QFN-7007 IRONWOOD-CG-QFN-7007 Datasheet
297Kb / 4P
   Hinged clamshell socket lid
CG-QFN-7001 IRONWOOD-CG-QFN-7001 Datasheet
92Kb / 3P
   Easily removable clamshell socket lid
GT-QFN-3000 IRONWOOD-GT-QFN-3000 Datasheet
219Kb / 4P
   Clamshell lid design
TS-SS-11-3.0 IRONWOOD-TS-SS-11-3.0 Datasheet
82Kb / 1P
   To be used with clamshell lid sockets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com