Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGBR60V200CG-T3P-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR60V200CG-T3P-T
Description  Very low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR60V200CG-T3P-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR60V200CG-T3P-T Datasheet HTML 1Page - Unisonic Technologies MGBR60V200CG-T3P-T Datasheet HTML 2Page - Unisonic Technologies MGBR60V200CG-T3P-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR60V200C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R204-064 .A
ABSOLUTE MAXIMUM RATINGS (PER LEG) (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
200
V
Working Peak Reverse Voltage
VRWM
200
V
Peak Repetitive Reverse Voltage
VRRM
200
V
Per Leg
30
A
Average Rectified Output Current Per
Device
Total
IO
60
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
IFSM
250
A
Operating Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-220F
62.5
Junction to Ambient
TO-3P
θJA
21
°C/W
TO-220
2
TO-220F
3.31
Junction to Case
TO-3P
θJC
1.55
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.50mA
200
V
IF=30A, TJ=25°C
0.94
V
Forward Voltage Drop
VFM
IF=30A, TJ=125°C
0.77
V
VR=200V, TJ=25°C
100
μA
Leakage Current (Note 1)
IRM
VR=200V, TJ=125°C
20
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.


Similar Part No. - MGBR60V200CG-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR60L100C UTC-MGBR60L100C Datasheet
174Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR60L100CG-TA3-T UTC-MGBR60L100CG-TA3-T Datasheet
174Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR60L100CL-TA3-T UTC-MGBR60L100CL-TA3-T Datasheet
174Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR60L200CG-T3P-T UTC-MGBR60L200CG-T3P-T Datasheet
157Kb / 3P
   Low forward voltage drop
MGBR60L200CG-TA3-T UTC-MGBR60L200CG-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
More results

Similar Description - MGBR60V200CG-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR10V60CL-TA3-T UTC-TGBR10V60CL-TA3-T Datasheet
133Kb / 3P
   Very low forward voltage drop
TGBR10V50CL-TA3-T UTC-TGBR10V50CL-TA3-T Datasheet
145Kb / 3P
   Very low forward voltage drop
MGBR15V50G-K08-5060-R UTC-MGBR15V50G-K08-5060-R Datasheet
165Kb / 3P
   Very low forward voltage drop
MGBR30V200CL-TA3-T UTC-MGBR30V200CL-TA3-T Datasheet
155Kb / 3P
   Very low forward voltage drop
TGBR10V150CL-TF1-T UTC-TGBR10V150CL-TF1-T Datasheet
131Kb / 3P
   Very low forward voltage drop
TGBR10V45CL-TA3-T UTC-TGBR10V45CL-TA3-T Datasheet
136Kb / 3P
   Very low forward voltage drop
TGBR40V60CL-TA3-T UTC-TGBR40V60CL-TA3-T Datasheet
133Kb / 3P
   Very low forward voltage drop
MGBR30V120CL-TA3-T UTC-MGBR30V120CL-TA3-T Datasheet
161Kb / 3P
   Very low forward voltage drop
logo
Vishay Siliconix
VS-40EPSPBF VISHAY-VS-40EPSPBF Datasheet
163Kb / 6P
   Very low forward voltage drop
Revision: 12-Oct-16
logo
Unisonic Technologies
MGBR20V100L-TA3-T UTC-MGBR20V100L-TA3-T Datasheet
132Kb / 3P
   Very low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com