Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA3632G-P14-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA3632G-P14-R
Description  Stereo Direct Audio Line driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3632G-P14-R Datasheet(HTML) 6 Page - Unisonic Technologies

  PA3632G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 6Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 7Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 8Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PA3632
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R107-071.b
APPLICATION INFORMATION
LINE DRIVER AMPLIFIERS
Single-supply line-driver amplifiers typically require dc-blocking capacitors. The top drawing in Figure 1 illustrates
the conventional line-driver amplifier connection to the load and output signal. DC blocking capacitors are often large
in value. The line load (typical resistive values of 600Ω~10kΩ) combines with the dc blocking capacitors to form a
high-pass filter. Equation 1 shows the relationship between the load impedance (RL), the capacitor (CO), and the
cutoff frequency (fC).
O
L
C
C
R
2
1
f
(1)
CO can be determined using Equation 2, where the load impedance and the cutoff frequency are known.
C
L f
R
2
1
C
O
(2)
If fC is low, the capacitor must then have a large value because the load resistance is small. Large capacitance
values require large package sizes. Large package sizes consume PCB area, stand high above the PCB, increase
cost of assembly, and can reduce the fidelity of the audio output signal.
The DirectPath amplifier architecture operates from a single supply but makes use of an internal charge pump to
provide a negative voltage rail. Combining the user-provided positive rail and the negative rail generated by the IC,
the device operates in what is effectively a split-supply mode. The output voltages are now centered at zero volts
with the capability to swing to the positive rail or negative rail. Combining this with the built-in click and pop reduction
circuit, the DirectPath amplifier requires no output dc blocking capacitors. The bottom block diagram and waveform
of Figure 1 illustrate the ground-referenced line-driver architecture. This is the architecture of the UTC PA3632.


Similar Part No. - PA3632G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3632G-P14-R UTC-PA3632G-P14-R Datasheet
205Kb / 9P
   DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
More results

Similar Description - PA3632G-P14-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3001 STMICROELECTRONICS-AN3001 Datasheet
476Kb / 12P
   TS4657 single supply stereo digital audio line driver
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
   DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Micro Analog systems
MAS9560 MAS-MAS9560 Datasheet
360Kb / 25P
   Stereo Audio Driver DAC
logo
Texas Instruments
DRV600 TI-DRV600 Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600 TI-DRV600_15 Datasheet
679Kb / 17P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
logo
Zetex Semiconductors
ZXCW8100S28 ZETEX-ZXCW8100S28 Datasheet
481Kb / 21P
   32 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
logo
STMicroelectronics
TS4604 STMICROELECTRONICS-TS4604 Datasheet
650Kb / 31P
   Stereo headset driver and analog audio line driver with integrated reference to ground
logo
List of Unclassifed Man...
ZXCW8100 ETC-ZXCW8100 Datasheet
451Kb / 24P
   32 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
logo
Zetex Semiconductors
ZXCW6100S28 ZETEX-ZXCW6100S28_04 Datasheet
424Kb / 24P
   24 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
ZXCW6100S28 ZETEX-ZXCW6100S28 Datasheet
446Kb / 21P
   24 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com