Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG12200D-BN2MM Datasheet(PDF) 4 Page - Littelfuse

Part # MG12200D-BN2MM
Description  1200V 200A IGBT Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MG12200D-BN2MM Datasheet(HTML) 4 Page - Littelfuse

  MG12200D-BN2MM Datasheet HTML 1Page - Littelfuse MG12200D-BN2MM Datasheet HTML 2Page - Littelfuse MG12200D-BN2MM Datasheet HTML 3Page - Littelfuse MG12200D-BN2MM Datasheet HTML 4Page - Littelfuse MG12200D-BN2MM Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Power Module
©2016 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:07/21/16
161
MG12200D-BN2MM
1200V 200A IGBT Module
Figure 7: Diode Forward Characteristics
VF V
0.6
8
.
1
2
.
1
0
0
TJ =25°C
TJ =125°C
2.4
400
320
160
80
240
RG
0
8
4
0
24
IF=200
A
VCE=600V
Tj =125°C
20
4
8
28
20
16
12
16
12
24
32 36
Figure 8: Switching Energy vs. Gate Resistor
8
4
IF (A)
100
0
RG=3.6Ω
VCE=600V
Tj =125°C
400
150
20
24
200 250 300 350
16
12
0
50
Figure 9: Switching Energy vs. Forward Current
Rectangular Pulse Duration (seconds)
0.001
0.01
0.1
1
10
0.001
0.1
1
Diode
IGBT
0.01
Figure 10:Transient Thermal Impedance
4


Similar Part No. - MG12200D-BN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12200D-BA1MM LITTELFUSE-MG12200D-BA1MM Datasheet
1Mb / 6P
   1200V 200A IGBT Module
More results

Similar Description - MG12200D-BN2MM

ManufacturerPart #DatasheetDescription
logo
MacMic
MMG200D120B6HN MACMIC-MMG200D120B6HN Datasheet
541Kb / 5P
   1200V 200A IGBT Module
MMG200Q120B6TC MACMIC-MMG200Q120B6TC Datasheet
633Kb / 6P
   1200V 200A IGBT Module
logo
Littelfuse
MG12200D-BA1MM LITTELFUSE-MG12200D-BA1MM Datasheet
1Mb / 6P
   1200V 200A IGBT Module
logo
MacMic
MMG200D120UA6TN MACMIC-MMG200D120UA6TN Datasheet
518Kb / 5P
   1200V 200A IGBT Module
MMGT200Q120B6C MACMIC-MMGT200Q120B6C Datasheet
1Mb / 6P
   1200V 200A IGBT Module
MMG200D120UK6TN MACMIC-MMG200D120UK6TN Datasheet
517Kb / 5P
   1200V 200A IGBT Module
MMG200Q120B6TN MACMIC-MMG200Q120B6TN Datasheet
518Kb / 5P
   1200V 200A IGBT Module
MMG200Q120UA6TC MACMIC-MMG200Q120UA6TC Datasheet
440Kb / 6P
   1200V 200A IGBT Module
MMG200D120B6TC MACMIC-MMG200D120B6TC Datasheet
738Kb / 6P
   1200V 200A IGBT Module
MMG200D120UA6TC MACMIC-MMG200D120UA6TC Datasheet
539Kb / 6P
   1200V 200A IGBT Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com