Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG12200D-BA1MM Datasheet(PDF) 1 Page - Littelfuse

Part # MG12200D-BA1MM
Description  1200V 200A IGBT Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MG12200D-BA1MM Datasheet(HTML) 1 Page - Littelfuse

  MG12200D-BA1MM Datasheet HTML 1Page - Littelfuse MG12200D-BA1MM Datasheet HTML 2Page - Littelfuse MG12200D-BA1MM Datasheet HTML 3Page - Littelfuse MG12200D-BA1MM Datasheet HTML 4Page - Littelfuse MG12200D-BA1MM Datasheet HTML 5Page - Littelfuse MG12200D-BA1MM Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Power Module
©2016 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:07/21/16
170
MG12200D-BA1MM
1200V 200A IGBT Module
MG12200D-BA1MM
Features
Applications
• Ultra low loss
• High ruggedness
• High short circuit
capability
• Positive temperature
coefficient
• With fast free-wheeling
diodes
Absolute Maximum Ratings (T
C = 25°C, unless otherwise specified)
Symbol
Parameters
Test Conditions
Values
Unit
IGBT
V
CES
Collector - Emitter Voltage
1200
V
V
GES
Gate - Emitter Voltage
±20
V
I
C
DC Collector Current
T
C=25°C
300
A
T
C=80°C
210
A
I
Cpuls
Pulsed Collector Current
T
C=25°C, tp=1ms
600
A
T
C=80°C, tp=1ms
420
P
tot
Power Dissipation Per IGBT
1400
W
T
J
Junction Temperature Range
-40 to +150
°C
T
STG
Storage Temperature Range
-40 to +125
°C
V
isol
Insulation Test Voltage
AC, t=1min
3000
V
Diode
V
RRM
Repetitive Reverse Voltage
1200
V
I
F(AV)
Average Forward Current
T
C=25°C
250
A
T
C=80°C
170
A
I
F(RMS)
RMS Forward Current
250
A
I
FSM
Non-Repetitive Surge Forward
Current
T
J =45°C, t=10ms, Sine
1860
A
T
J =45°C, t=8.3ms, Sine
1920
Module Characteristics (T
C = 25°C, unless otherwise specified)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
R
thJC
Junction-to-Case Thermal
Resistance
Per IGBT
0.09
K/W
R
thJCD
Per Inverse Diode
0.22
K/W
Torque
Module-to-Sink
Recommended (M6)
3
5
N·m
Torque
Module Electrodes
Recommended (M6)
2.5
5
N·m
Weight
285
g
• Inverter
• Converter
• Welder
• SMPS and UPS
• Induction heating
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
®
RoHS
Agency Approvals
1
AGENCY
AGENCY FILE NUMBER
E71639


Similar Part No. - MG12200D-BA1MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12200D-BN2MM LITTELFUSE-MG12200D-BN2MM Datasheet
1Mb / 5P
   1200V 200A IGBT Module
More results

Similar Description - MG12200D-BA1MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12200D-BN2MM LITTELFUSE-MG12200D-BN2MM Datasheet
1Mb / 5P
   1200V 200A IGBT Module
logo
MacMic
MMG200D120B6HN MACMIC-MMG200D120B6HN Datasheet
541Kb / 5P
   1200V 200A IGBT Module
MMG200Q120B6TC MACMIC-MMG200Q120B6TC Datasheet
633Kb / 6P
   1200V 200A IGBT Module
MMG200D120UA6TN MACMIC-MMG200D120UA6TN Datasheet
518Kb / 5P
   1200V 200A IGBT Module
MMGT200Q120B6C MACMIC-MMGT200Q120B6C Datasheet
1Mb / 6P
   1200V 200A IGBT Module
MMG200D120UK6TN MACMIC-MMG200D120UK6TN Datasheet
517Kb / 5P
   1200V 200A IGBT Module
MMG200Q120B6TN MACMIC-MMG200Q120B6TN Datasheet
518Kb / 5P
   1200V 200A IGBT Module
MMG200Q120UA6TC MACMIC-MMG200Q120UA6TC Datasheet
440Kb / 6P
   1200V 200A IGBT Module
MMG200D120B6TC MACMIC-MMG200D120B6TC Datasheet
738Kb / 6P
   1200V 200A IGBT Module
MMG200D120UA6TC MACMIC-MMG200D120UA6TC Datasheet
539Kb / 6P
   1200V 200A IGBT Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com