Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG12150S-BN2MM Datasheet(PDF) 2 Page - Littelfuse

Part # MG12150S-BN2MM
Description  1200V 150A IGBT Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MG12150S-BN2MM Datasheet(HTML) 2 Page - Littelfuse

  MG12150S-BN2MM Datasheet HTML 1Page - Littelfuse MG12150S-BN2MM Datasheet HTML 2Page - Littelfuse MG12150S-BN2MM Datasheet HTML 3Page - Littelfuse MG12150S-BN2MM Datasheet HTML 4Page - Littelfuse MG12150S-BN2MM Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Module
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:05/19/15
135
MG12150S-BN2MM
1200V 150A IGBT Module
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
IGBT
V
GE(th)
Gate - Emitter Threshold Voltage
V
CE=VGE, IC=6mA
5.0
5.8
6.5
V
V
CE(sat)
Collector - Emitter
Saturation Voltage
I
C=150A, VGE=15V, TJ=25°C
1.7
V
I
C=150A, VGE=15V, TJ=125°C
1.9
V
I
CES
Collector Leakage Current
V
CE=1200V, VGE=0V, TJ=25°C
1
mA
V
CE=1200V, VGE=0V, TJ=125°C
5
mA
I
GES
Gate Leakage Current
V
CE=0V,VGE=±15V, TJ=125°C
-400
400
nA
R
Gint
Integrated Gate Resistor
5
Ω
Q
ge
Gate Charge
V
CC=600V, IC=150A , VGE=±15V
1.4
μC
C
ies
Input Capacitance
V
CE=25V, VGE=0V, f =1MHz
10.5
nF
C
res
Reverse Transfer Capacitance
0.4
nF
t
d(on)
Turn - on Delay Time
V
CC=600V
I
C=150A
R
G =2.4Ω
V
GE=±15V
Inductive Load
T
J =25°C
260
ns
T
J =125°C
290
ns
t
r
Rise Time
T
J =25°C
30
ns
T
J =125°C
50
ns
t
d(off)
Turn - off Delay Time
T
J =25°C
420
ns
T
J =125°C
520
ns
t
f
Fall Time
T
J =25°C
70
ns
T
J =125°C
90
ns
E
on
Turn - on Energy
T
J =25°C
12
mJ
T
J =125°C
16
mJ
E
off
Turn - off Energy
T
J =25°C
11
mJ
T
J =125°C
14.5
mJ
I
SC
Short Circuit Current
t
psc≤10μS , VGE=15V; TJ=125°C,VCC=900V
600
A
R
thJC
Junction-to-Case Thermal Resistance (Per IGBT)
0.2
K/W
Diode
V
F
Forward Voltage
I
F=150A , VGE=0V, TJ =25°C
1.65
V
I
F=150A , VGE=0V, TJ =125°C
1.65
V
I
RRM
Max. Reverse Recovery Current
I
F=150A , VR=600V
di
F/dt=-4000A/μs
T
J =125°C
210
A
Q
rr
Reverse Recovery Charge
30.0
μC
E
rec
Reverse Recovery Energy
13
mJ
R
thJCD
Junction-to-Case Thermal Resistance (Per Diode)
0.36
K/W
Electrical and Thermal Specifications (T
C = 25°C, unless otherwise specified)
2


Similar Part No. - MG12150S-BN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
More results

Similar Description - MG12150S-BN2MM

ManufacturerPart #DatasheetDescription
logo
MacMic
MMG150D120B6HN MACMIC-MMG150D120B6HN Datasheet
540Kb / 5P
   1200V 150A IGBT Module
MMG150D120B6UC MACMIC-MMG150D120B6UC Datasheet
714Kb / 6P
   1200V 150A IGBT Module
MMG150Q120B6HN MACMIC-MMG150Q120B6HN Datasheet
521Kb / 5P
   1200V 150A IGBT Module
MMG150D120UA6TN MACMIC-MMG150D120UA6TN Datasheet
518Kb / 5P
   1200V 150A IGBT Module
MMG150J120UZ6TC MACMIC-MMG150J120UZ6TC Datasheet
464Kb / 4P
   1200V 150A IGBT Module
MMG150S120B6TN MACMIC-MMG150S120B6TN Datasheet
457Kb / 5P
   1200V 150A IGBT Module
logo
DACO SEMICONDUCTOR CO.,...
DAZF150G120XCA DACO-DAZF150G120XCA Datasheet
1Mb / 4P
   IGBT Module 1200V / 150A
Feb 2023 Rev 1.1
logo
MacMic
MMG150S120B6TC MACMIC-MMG150S120B6TC Datasheet
361Kb / 6P
   1200V 150A IGBT Module
MMG150Q120B6TN MACMIC-MMG150Q120B6TN Datasheet
521Kb / 5P
   1200V 150A IGBT Module
logo
Littelfuse
MG12150D-BA1MM LITTELFUSE-MG12150D-BA1MM Datasheet
1Mb / 6P
   1200V 150A IGBT Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com