Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP Datasheet(PDF) 3 Page - Littelfuse

Part # LSP
Description  LED Lighting Surge Protection Module > LSP10
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSP Datasheet(HTML) 3 Page - Littelfuse

  LSP_17 Datasheet HTML 1Page - Littelfuse LSP_17 Datasheet HTML 2Page - Littelfuse LSP_17 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surge Protection Module
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/11/16
7
LED Lighting Surge Protection Module > LSP10
L
N
G
SPD
L
L
N/G
or
AC/DC
Power
Supply
LED Module
L
N
+
-
Parallel Connection
L
N
G
SPD
L
L
N/G
or
LED Module
L
N
+
-
LED normally on
Parallel Connection
With LED indicating SPD status
- ON (green): SPD is online
- OFF: SPD needs replacement
LSP10xxxS
LSP10xxxS
AC/DC
Power
Supply
R
L
N
G
SPD
LED Module
L
N
+
-
Parallel Connection
(for Class II Unearthed)
AC/DC
Power
Supply
~X3316
L
N
G
SPD
LED Module
L
N
+
-
Series Connection
(for Class II Unearthed)
~X3316
AC/DC
Power
Supply
L
N
G
SPD
L
L
N/G
or
LED Module
L
N
+
-
Series Connection
AC/DC
Power
Supply
Notes:
1. Series module used in parallel connection for indication circuit connection.
2. LED indicator and associated circuitry are not included in the module.
3. Black wire is AC line voltage (hot); white wire is AC neutral voltage.
4. Black wire voltage is cut off when SPD needs replacement.
5. R is current limiting resistor; it resistance/wattage is determined by AC line voltage and
desired current driving LED. Example: AC line voltage 240V, LED: 1.6mA, resistor:
150Kohm/0.5W.
Part Numbering System
Device Family
Littelfuse Surge Protection Module
LSP 10 480LL P Xxxxx
Nominal Discharge
Current (ln)
Operating Voltage
Connection mode
LL: for L, L, N/G
Blank: L-N, L-G, N-G
P or S
(P: parallel connection; S: series connection)
Other non-standard option
X3333: with GND wire connection, available
in 240 and 277Vac, CE marked,
Class I installations, earthed
Wire Color: Line: Brown, Neutral: Blue,
Ground/P: Green with yellow stripe
X3316: without GND wire connection, available
in 240 and 277Vac ratings, CE marked
for Class II installations, unearthed
Wire Color: Line: Brown, Neutral: Blue
Dimensions
Notes:
1. Black: Line; White: Neutral; Green: Ground.
(P/N with suffix X3333/X3316: Brown: Line; Blue: Neutral; Green-Yellow stripe: Ground)
2. Wire Gauge: AWG14 wire Line in/out; Wire Length: 100mm or customized.
LSP10XXXXXP
LSP10XXXXXS
56.0 ±0.5
100 ±20
100 ±20
48.0 ±1.5
48.0±1.5
Typical Dimensions (mm)
2x ø4.8±0.2
64.0 ±1.5
30.0 ±1.0
6 ±2
6 ±2
2.3 ±0.2
LSP10XXXXXP
LSP10XXXXXS
56.0 ±0.5
100 ±20
100 ±20
48.0 ±1.5
48.0±1.5
Typical Dimensions (mm)
2x ø4.8±0.2
64.0 ±1.5
30.0 ±1.0
6 ±2
6 ±2
2.3 ±0.2
Application/Installation Schematic


Similar Part No. - LSP_17

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
LSP-1/4-C FESTO-LSP-1/4-C Datasheet
77Kb / 1P
   Low consumption air gun
LSP-1/4-D FESTO-LSP-1/4-D Datasheet
80Kb / 1P
   Low consumption air gun
logo
Zhaoxingwei Electronics...
LSP01 ZHAOXINGWEI-LSP01 Datasheet
103Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
List of Unclassifed Man...
LSPA10708 ETC1-LSPA10708 Datasheet
333Kb / 1P
   Power Transformer
More results

Similar Description - LSP_17

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP10480P LITTELFUSE-LSP10480P Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
LSP10GIHP LITTELFUSE-LSP10GIHP Datasheet
447Kb / 4P
   LED Lighting Surge Protection Module
LSP05480P LITTELFUSE-LSP05480P Datasheet
479Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05
Revised: 11/04/19
LSP05GI240PX3316 LITTELFUSE-LSP05GI240PX3316 Datasheet
586Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05GI
Revised: 08/22/18
LSP05 LITTELFUSE-LSP05_17 Datasheet
409Kb / 3P
   LED Lighting Surge Protection Module > LSP05
LSP05G240PX3316 LITTELFUSE-LSP05G240PX3316 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP05G LITTELFUSE-LSP05G Datasheet
589Kb / 4P
   Surge Protection Module
LSP10 LITTELFUSE-LSP10 Datasheet
503Kb / 3P
   The Littelfuse LSP10 thermally protected Surge Protective
logo
Bourns Electronic Solut...
4A12P-516-500 BOURNS-4A12P-516-500 Datasheet
647Kb / 1P
   Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC_11 Datasheet
351Kb / 1P
   Surge Line Protection Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com