Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC40KP152KP450 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALC40KP152KP450
Description  Snap-In Aluminum Electrolytic Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40KP152KP450 Datasheet(HTML) 1 Page - Kemet Corporation

  ALC40KP152KP450 Datasheet HTML 1Page - Kemet Corporation ALC40KP152KP450 Datasheet HTML 2Page - Kemet Corporation ALC40KP152KP450 Datasheet HTML 3Page - Kemet Corporation ALC40KP152KP450 Datasheet HTML 4Page - Kemet Corporation ALC40KP152KP450 Datasheet HTML 5Page - Kemet Corporation ALC40KP152KP450 Datasheet HTML 6Page - Kemet Corporation ALC40KP152KP450 Datasheet HTML 7Page - Kemet Corporation ALC40KP152KP450 Datasheet HTML 8Page - Kemet Corporation ALC40KP152KP450 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
One world. One KEMET
Benefits
• Compact size
• Long life, up to 9,000 hours at +105°C (V
R, IR applied)
• High ripple current
• Excellent surge voltage capability
• Optimized designs available upon request
Overview
KEMET's ALC40 Series of snap-in capacitors features the
same high ripple currents and long-life characteristics as
the ALC10 Series but can operate at higher temperatures.
Applications
KEMET's ALC40 Series of capacitors is suited for high
reliability and long life applications such as frequency
converters, uninterruptible power supply (UPS) systems
and switch mode power supplies (SMPS). The extended
temperature range allows increased ripple currents at lower
temperatures.
Snap-In Aluminum Electrolytic Capacitors
ALC40 Series, +105ºC
Part Number System
ALC40
A
822
BB
025
Series
Termination
Capacitance Code (µF)
Size Code
Rated Voltage (VDC)
Snap-In type
Aluminum Electrolytic
See Termination Table
First two digits
represent significant
figures. Third digit
specifies number of
zeros.
See Dimension Table
025 = 25
040 = 40
063 = 63
100 = 100
200 = 200
250 = 250
350 = 350
400 = 400
450 = 450
500 = 500
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - ALC40KP152KP450

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC40 KEMET-ALC40 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALC40A221BB250 KEMET-ALC40A221BB250 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, ALC40, 220 uF, 20%, 250 V, -40/105C
ALC40A682CF063 KEMET-ALC40A682CF063 Datasheet
68Kb / 1P
   ALC40, Aluminum Electrolytic, 105C, 6800 uF, 20%, 63 V, -40/105C
More results

Similar Description - ALC40KP152KP450

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com