Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP10277 Datasheet(PDF) 1 Page - Littelfuse

Part # LSP10277
Description  LED Lighting Surge Protection Module > LSP10
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSP10277 Datasheet(HTML) 1 Page - Littelfuse

  LSP10277 Datasheet HTML 1Page - Littelfuse LSP10277 Datasheet HTML 2Page - Littelfuse LSP10277 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surge Protection Module
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/11/16
5
LED Lighting Surge Protection Module > LSP10
Description
Features
Agency Approvals
Absolute Maximum Ratings
• For ratings of individual members of a series, see Device Ratings and Specifications chart
Agency
Standard
Agency File Number
UL1449
E320116
Note: * = Max. continuous current for series connection.
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any
other conditions above those indicated in the operational sections of this specification is not implied.
LSP10 Module Series
LSP10 Series
Units
Continous:
AC Voltage Range (V
M(AC)RMS)
150 to 510
V
Continuous Current*
5
A
Transient:
Maximum Discharge Current 8/20μs Waveform (Imax)
20,000
A
Nominal Discharge Current 8/20µs Waveform (I
n)
10,000
A
Operating Ambient Temperature Range (T
A)
-45 to +85
°C
Storage Temperature Range (T
STG)
-45 to +110
°C
Isolation Voltage Capability (When the thermal disconnect opens)
600
V
Insulation Resistance
>1,000
• 20kA Maximum
Discharge Current
(Imax)m 8/20us
• Meets ANSI C82.77-5-
2015: Location C High
• Meets ANSI C136.2-
2015: Extreme Level
• Meets IEEE C62.41.2:
Location Category C High
• Meets US Dept.
of Energy MSSLC
Model Spec.
• Parallel or Series
connected options
• Thermally protected
• IP66 rated, dust-tight
and water resistant
• IEC61643-11 Class
II/ EN61643-11 Type
2 Compliant1
• 240Vac and 277Vac parts
are available for Class I
and Class II installation
based on IEC luminaire
protection classes.
Please see details in Part
Numbering System.
• CE Mark - Meets the
requirements of Low
Voltage and RoHS
European Directives.
Applications
• Outdoor and Commercial
LED Lighting
• Roadway lighting
• Traffic lighting
• Digital signage
• Wash wall lighting
• Parking garage/lot lighting
• Flood lighting
• Tunnel lighting
• Street lighting
Notes:
1. Self-declared compliance.
The Littelfuse LSP10 thermally protected Surge Protective
Device is a self-protected device which is specially designed
to be used in outdoor and commercial LED lighting fixtures
for transient overvoltage protection. It is constructed with
Littelfuse thermally protected varistor technology. Its built-in
thermal disconnect function provides additional protection
to prevent catastrophic failure and fire hazard even under
the extreme circumstances of varistor end-of-life or sustain-
ing over voltage conditions. LSP10 series connected option
allows clear indication of thermal fault protection by discon-
necting power to luminaire thereby signally SPD module
replacement. The LSP10 SPD facilitates customer’s product
compliance to IEEE C62.41.2 Location Category C High and
US Dept of Energy MSSLC Model Spec.
RoHS
Additional Information
Datasheet
Samples
Resources


Similar Part No. - LSP10277

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP10277 LITTELFUSE-LSP10277 Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
More results

Similar Description - LSP10277

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP10480P LITTELFUSE-LSP10480P Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
LSP10GIHP LITTELFUSE-LSP10GIHP Datasheet
447Kb / 4P
   LED Lighting Surge Protection Module
LSP05480P LITTELFUSE-LSP05480P Datasheet
479Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05
Revised: 11/04/19
LSP05GI240PX3316 LITTELFUSE-LSP05GI240PX3316 Datasheet
586Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05GI
Revised: 08/22/18
LSP05 LITTELFUSE-LSP05_17 Datasheet
409Kb / 3P
   LED Lighting Surge Protection Module > LSP05
LSP05G240PX3316 LITTELFUSE-LSP05G240PX3316 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP05G LITTELFUSE-LSP05G Datasheet
589Kb / 4P
   Surge Protection Module
LSP10 LITTELFUSE-LSP10 Datasheet
503Kb / 3P
   The Littelfuse LSP10 thermally protected Surge Protective
logo
Bourns Electronic Solut...
4A12P-516-500 BOURNS-4A12P-516-500 Datasheet
647Kb / 1P
   Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC_11 Datasheet
351Kb / 1P
   Surge Line Protection Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com