Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4CAMUD4150AA1K Datasheet(PDF) 6 Page - Kemet Corporation

Part # C4CAMUD4150AA1K
Description  Printed Circuit Board Mount Power Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4CAMUD4150AA1K Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C4CAMUD4150AA1K Datasheet HTML 2Page - Kemet Corporation C4CAMUD4150AA1K Datasheet HTML 3Page - Kemet Corporation C4CAMUD4150AA1K Datasheet HTML 4Page - Kemet Corporation C4CAMUD4150AA1K Datasheet HTML 5Page - Kemet Corporation C4CAMUD4150AA1K Datasheet HTML 6Page - Kemet Corporation C4CAMUD4150AA1K Datasheet HTML 7Page - Kemet Corporation C4CAMUD4150AA1K Datasheet HTML 8Page - Kemet Corporation C4CAMUD4150AA1K Datasheet HTML 9Page - Kemet Corporation C4CAMUD4150AA1K Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3042_C4C_AXIAL • 4/20/2016
6
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4C Series, Axial Round, 850 – 3,000 VDC/450 – 750 VAC
Sealing
Hermetically Sealed Capacitors
When the temperature increases, the pressure inside the capacitor increases. If the internal pressure is high enough, it can cause a
breach in the capacitor which can result in leakage, impregnation, filling fluid or moisture susceptibility.
Resin Encased/Wrap & Fill Capacitors
The resin seals on resin encased and wrap and fill capacitors will withstand short-term exposure to high humidity environments without
degradation. Resins and plastic tapes will form a pseudo-impervious barrier to humidity and chemicals. These case materials are
somewhat porous and through osmosis can cause contaminants to enter the capacitor. The second area of contaminated absorption
is the lead-wire/resin interface. Since resins cannot bond 100% to tinned wires, there can be a path formed up to the lead wire into the
capacitor section. Aqueous cleaning of circuit boards can aggravate this condition.
Barometric Pressure
The altitude at which hermetically sealed capacitors are operated controls the voltage rating of the capacitor. As the barometric
pressure decreases, the susceptibility to terminal arc-over increases. Non-hermetic capacitors can be affected by internal stresses due
to pressure changes. This can be in the form of capacitance changes or dielectric arc-over as well as low insulation resistance. Heat
transfer can also be affected by altitude operation. Heat generated in operation cannot be dissipated properly and can result in high RI2
losses and eventual failure.
Radiation
Radiation capabilities of capacitors must be taken into consideration. Electrical degradation in the form of dielectric embitterment can
take place causing shorts or opens.


Similar Part No. - C4CAMUD4150AA1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4CAPUB2470AA0J KEMET-C4CAPUB2470AA0J Datasheet
52Kb / 1P
   Film, Metallized Polypropylene, Power, C4C, 0.047 uF, 5%, 1,200 V, 500 V, 70C
C4CAWUB2220AA0J KEMET-C4CAWUB2220AA0J Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4C, 0.022 uF, 5%, 2,000 V, 630 V, 70C
More results

Similar Description - C4CAMUD4150AA1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4GADUB4100AA4J KEMET-C4GADUB4100AA4J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
logo
Picker Components
PCS20 PICKER-PCS20 Datasheet
231Kb / 2P
   SIL Printed Circuit Board Mount
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com