Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4DCMAQ4600AA0J Datasheet(PDF) 3 Page - Kemet Corporation

Part # C4DCMAQ4600AA0J
Description  LOW INDUCTANCE CAPACITORS GTO APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4DCMAQ4600AA0J Datasheet(HTML) 3 Page - Kemet Corporation

  C4DCMAQ4600AA0J Datasheet HTML 1Page - Kemet Corporation C4DCMAQ4600AA0J Datasheet HTML 2Page - Kemet Corporation C4DCMAQ4600AA0J Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
25
C4D
MKP Series
LOW INDUCTANCE CAPACITORS
Rated D.C. Voltage
V
DC
Test voltage between terminals U
TT
V
DC
400
600
600
900
700
1050
850
1275
1200
1800
n
400
600
700
850
1200
1500
max
560
840
980
1200
1680
2100
s
600
900
1050
1300
1800
2250
PEAK VOLTAGE TABLE
C
Un
U
RMS
dv/dt
I
PKR
ESR
I
RMS
K
Max Dimensions
C o d e
Max @ 100kHz
100kHz@70°C
°W/C
mm
µF
Vdc
Vac
V/µs
A
mW
A
D
L
C4DRFAQ5250AA0J
25
400
160
40
1000
1.8
42
5.1
60
51
C4DRFAQ5300AA0J
30
400
160
40
1200
1.5
49
4.1
72
51
C4DRFAQ5500AA0J
50
400
160
40
2000
1.2
60
3.3
80
51
C4DRFAQ5750AA0J
75
400
160
40
3000
1.1
70
2.8
90
51
C4DRFAQ6100AA0J
100
400
160
25
2500
1.3
70
2.6
90
61
C4DRFAQ6110AA0J
110
400
160
25
2560
1.5
70
2.2
90
61
C4DRFAQ6220AA0J
220
400
160
12
2640
1.8
67
1.8
90
99
C4DRHAQ5120AA0J
12
600
220
50
600
2.2
37
5
60
51
C4DRHAQ5150AA0J
15
600
220
50
750
1.9
44
4.1
72
51
C4DRHAQ5200AA0J
20
600
220
50
1000
1.6
48
4.1
72
51
C4DRHAQ5250AA0J
25
600
220
50
1250
1.5
55
3.4
80
51
C4DRHAQ5330AA0J
33
600
220
50
1650
1.3
64
2.8
90
51
C4DRHAQ5500AA0J
50
600
220
35
1750
1.6
61
2.6
90
61
C4DRHAQ6100AA0J
100
600
220
15
1500
2.4
58
1.8
90
99
C4DRJAQ4750AA0J
7.5
700
250
70
525
2.6
34
5
60
51
C4DRJAQ5100AA0J
10
700
250
70
700
2.1
42
4
72
51
C4DRJAQ5150AA0J
15
700
250
70
1050
1.7
51
3.4
80
51
C4DRJAQ5200AA0J
20
700
250
70
1400
1.5
60
2.8
90
51
C4DRJAQ5250AA0J
25
700
250
45
1125
2
50
3.1
80
61
C4DRJAQ5330AA0J
33
700
250
45
1485
1.7
58
2.6
90
61
C4DRJAQ5700AA0J
70
700
250
20
1400
2.6
55
1.9
90
99
C4DRMAQ4400AA0J
4
850
330
90
360
3.6
29
5
60
51
C4DRMAQ4500AA0J
5
850
330
90
450
3
32
4.9
60
51
C4DRMAQ4600AA0J
6
850
330
90
540
2.6
34
5
60
51
C4DRMAQ4750AA0J
7.5
850
330
90
675
2.2
41
4.1
72
51
C4DRMAQ4800AA0J
8
850
330
90
720
2.1
42
4
72
51
C4DRMAQ5100AA0J
10
850
330
90
900
1.9
49
3.3
80
61
C4DRMAQ5150AA0J
15
850
330
90
1350
1.5
49
2.9
80
61
C4DRMAQ5200AA0J
20
850
330
55
1100
2.1
49
3
80
61
C4DRMAQ5250AA0J
25
850
330
55
1375
1.8
57
2.6
90
61
C4DRMAQ5600AA0J
60
850
330
25
1500
2.7
54
1.9
90
99
C4DRPAQ4250AA0J
2.5
1200
440
320
800
1.4
47
4.8
60
51
C4DRPAQ4300AA0J
3
1200
440
320
960
1.3
54
4
72
51
C4DRPAQ4400AA0J
4
1200
440
320
1280
1.1
58
4
72
51
C4DRPAQ4500AA0J
5
1200
440
320
1600
1.1
64
3.3
80
51
C4DRPAQ4600AA0J
6
1200
440
320
1920
1
72
2.8
90
51
C4DRPAQ4800AA0J
8
1200
440
190
1520
1.2
65
3
80
61
C4DRPAQ5100AA0J
10
1200
440
190
1900
1.1
73
2.6
90
61
C4DRPAQ5120AA0J
12
1200
440
190
2190
1.1
74
2.6
90
61
C4DRPAQ5200AA0J
20
1200
440
75
1875
1.5
74
1.9
80
99
C4DRPAQ5250AA0J
25
1200
440
75
1875
1.5
74
1.9
90
99
C4DRSAQ4100AA0J
1
1500
500
400
400
2.3
37
4.8
60
51
C4DRSAQ4200AA0J
2
1500
500
400
800
1.5
51
3.9
72
51
C4DRSAQ4300AA0J
3
1500
500
400
1200
1.3
60
3.3
80
51
C4DRSAQ4400AA0J
4
1500
500
400
1600
1.1
69
2.8
90
51
C4DRSAQ4500AA0J
5
1500
500
250
1250
1.3
61
3
80
61
C4DRSAQ4750AA0J
7.5
1500
500
250
1875
1.2
71
2.5
90
61
C4DRSAQ5150AA0J
15
1500
500
100
1500
1.7
69
1.9
90
99
GENERAL CHARACTERISTICS
L
2
2
10


Similar Part No. - C4DCMAQ4600AA0J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4D0112N-A ETC2-C4D0112N-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112N-A ETC2-C4D0112N-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0206N-A ETC2-C4D0206N-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
More results

Similar Description - C4DCMAQ4600AA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4DE KEMET-C4DE Datasheet
263Kb / 1P
   LOW INDUCTANCE CAPACITORS DC-LINK APPLICATIONS
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105MAT2A AVX-0612ZC105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com