Electronic Components Datasheet Search |
|
C320C106K3R5TA7301 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C320C106K3R5TA7301 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1050_GOLDMAX_X7R • 11/11/2016 1 One world. One KEMET Benefits • Radial leaded form factor • Conformally coated • 0.100", 0.200" and 0.250" lead spacing • −55°Cto+125°Coperatingtemperaturerange • Lead (Pb)-free, RoHS and REACH compliant • X7Rtemperaturestabledielectric Overview KEMET’s Goldmax conformally coated radial leaded ceramic capacitorsinX7Rdielectricfeaturea125°Cmaximum operatingtemperature.TheElectronicsIndustriesAlliance (EIA)characterizesX7RdielectricasaClassII"temperature stable"material.Componentsofthisclassificationarefixed, ceramicdielectriccapacitorssuitedforbypassanddecoupling applicationsorforfrequencydiscriminatingcircuitswhereQ andstabilityofcapacitancecharacteristicsarenotcritical.X7R exhibitsapredictablechangeincapacitancewithrespecttotime andvoltageandboastsaminimalchangeincapacitancewith referencetoambienttemperature.Capacitancechangeislimited to±15%from−55°Cto+125°C. Thesedevicesmeetstheflametestrequirementsoutlinedin UL Standard 94V–0. RadialLeadedMultilayerCeramicCapacitors Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade) Ordering Information C 320 C 106 K 3 R 5 T A 7301 Ceramic Style/Size Specification/ Series Capacitance Code (pF) Capacitance Tolerance1 Rated Voltage (VDC) Dielectric Design Lead Finish2 Failure Rate Packaging (C-Spec) 315 316 317 318 320 321 322 323 324 325 326 327 328 330 331 333 335 336 340 346 350 356 C = Standard First two digits represent significant figures.Third digitspecifies numberofzeros. J = ±5% K = ±10% M = ±20% 3 = 25 5 = 50 1 = 100 2 = 200 A = 250 R = X7R 5 = Multilayer T = 100% Matte Sn H = SnPb (60/40) A = N/A See "Packaging C-Spec Ordering Options Table" below 1 Additional capacitance tolerance offerings may be available. Contact KEMET for details. 2 Lead materials: Standard: 100% matte tin (Sn) with nickel (Ni) underplate and steel core ( “T” designation). Alternative1:60%tin(Sn)/40%lead(Pb)finishwithcopper-cladsteelcore(“H”designation). Alternative2:60%tin(Sn)/40%lead(Pb)finishwith100%coppercore(availablewith“H”designationcodewithC-Spec).ContactKEMETfor C-Specdetails. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C320C106K3R5TA7301 |
|
Similar Description - C320C106K3R5TA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |