Electronic Components Datasheet Search |
|
C44EKGR6100ZA0J Datasheet(PDF) 1 Page - Kemet Corporation |
|
C44EKGR6100ZA0J Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 2 page 36 C44E MKP Series ALUMINIUM CASE CAPACITORS AC FILTER APPLICATIONS General technical data VDE 0560 - IEC61071 - EN61071 Application class ( DIN 40040 ) HSD / LS Temperature range ( Case ) -40 to + 70 °C Max permissible ambient temperature +70 °C Capacitance tolerance code ( 15th digit ) J = ± 5% ; K = ± 10% Test voltage terminal to case U TT 1.5 U RMS for 10 seconds Test voltage terminal to case U TC 4kV - 50Hz for 60 seconds Rated insulation voltage U i 700 V - 50 Hz - Insulation group B ( VDE 0110 part 1 ) Rated power Q Reactive power at rated A.C. voltage U RMS - 50Hz Rated frequency F 50 ÷ 60 Hz Permissible relative humidity Annual average ≤ 95% on 30 days / year, continuously 100% on other days occasionally 100%. Dewing not admissible IEC climatic category 25 / 70 / 21 Degree of protection IP00 Capacitance deviation in the operating temperature range of –40 to +85 °C ±1.5% max on capacitance value measured at +20 °C Change of capacitance versus operating time -3% after 30.000 hours at U RMS or after 100.000 hours at Un Terminals Tinned brass fastons or screws ( See figure on top ) Installation Whatever Position Life Expectancy ≥ 30.000 hours at U RMS ; ≥ 100.000 hours at Un Failure quota 300 / 109 components hour TECHNICAL DATA |
Similar Part No. - C44EKGR6100ZA0J |
|
Similar Description - C44EKGR6100ZA0J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |