Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4DRJAQ4750AA0J Datasheet(PDF) 2 Page - Kemet Corporation

Part # C4DRJAQ4750AA0J
Description  LOW INDUCTANCE CAPACITORS GTO APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4DRJAQ4750AA0J Datasheet(HTML) 2 Page - Kemet Corporation

  C4DRJAQ4750AA0J Datasheet HTML 1Page - Kemet Corporation C4DRJAQ4750AA0J Datasheet HTML 2Page - Kemet Corporation C4DRJAQ4750AA0J Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
24
C4D
MKP Series
LOW INDUCTANCE CAPACITORS
GTO PROTECTION
Rated D.C. Voltage
V
DC
Test voltage between terminals U
TT
V
DC
850
1700
1000
2000
1400
2800
3000
4500
n
850
1000
1400
3000
max
1200
1400
2000
4000
s
1300
1500
2150
4200
PEAK VOLTAGE TABLE
C
Un
U
RMS
dV/dt
I
PKR
ESR
IRMS
K
Dimensions
Code
Max @ 100kHz
100kHz@70°C
(mm)
µF
Vdc
Vac
V/µs
A
mΩ
A
°W/C
D
L
C4DCMAQ4150AA0J
1.5
850
500
450
675
1.7
40
5.4
60
51
C4DCMAQ4200AA0J
2
850
500
450
900
1.5
43
5.5
60
51
C4DCMAQ4300AA0J
3
850
500
450
1350
1.2
53
4.5
72
51
C4DCMAQ4350AA0J
3.5
850
500
450
1575
1.1
55
4.4
72
51
C4DCMAQ4400AA0J
4
850
500
450
1800
1.1
59
3.8
80
51
C4DCMAQ4500AA0J
5
850
500
450
2250
1.1
62
3.7
80
51
C4DCMAQ4600AA0J
6
850
500
450
2700
1.0
69
3.1
90
51
C4DCNAQ4100AA0J
1
1000
600
525
525
2.1
36
5.5
60
51
C4DCNAQ4200AA0J
2
1000
600
525
1050
1.4
50
4.4
72
51
C4DCNAQ4250AA0J
2.5
1000
600
525
1312
1.3
56
3.6
80
51
C4DCNAQ4300AA0J
3
1000
600
525
1575
1.2
58
3.7
80
51
C4DCNAQ4350AA0J
3.5
1000
600
525
1837
1.1
65
3.1
90
51
C4DCNAQ4400AA0J
4
1000
600
525
2100
1.1
66
3.1
90
51
C4DCRAQ3500AA0J
0.5
1400
700
630
315
3.3
29
5.4
60
51
C4DCRAQ3800AA0J
0.8
1400
700
630
315
2.8
33
5.3
60
51
C4DCRAQ4100AA0J
1
1400
700
630
630
2.0
38
5.2
60
51
C4DCRAQ4100ZA0J
1
1400
700
1000 1000
0.6
70
1.9
90
51
C4DCRAQ4150AA0J
1.5
1400
700
380
570
2.2
38
4.7
60
64
C4DCRAQ4200AA0J
2
1400
700
380
760
1.8
46
3.9
72
64
C4DCRAQ4250AA0J
2.5
1400
700
380
950
1.6
50
3.8
72
64
C4DCRAQ4300AA0J
3
1400
700
380
1140
1.5
56
3.2
80
64
C4DCRAQ4400AA0J
4
1400
700
380
1520
1.3
64
2.8
90
64
GENERAL CHARACTERISTICS
L
2
2
10


Similar Part No. - C4DRJAQ4750AA0J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4D0112N-A ETC2-C4D0112N-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112N-A ETC2-C4D0112N-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0206N-A ETC2-C4D0206N-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
More results

Similar Description - C4DRJAQ4750AA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4DE KEMET-C4DE Datasheet
263Kb / 1P
   LOW INDUCTANCE CAPACITORS DC-LINK APPLICATIONS
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105MAT2A AVX-0612ZC105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com